Electronic Components Datasheet Search
  English  ▼

X  

OPA317 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA317
Description  Low-Offset, Rail-to-Rail I/O Operational Amplifier Precision Catalog
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA317 Datasheet(HTML) 4 Page - Texas Instruments

  OPA317 Datasheet HTML 1Page - Texas Instruments OPA317 Datasheet HTML 2Page - Texas Instruments OPA317 Datasheet HTML 3Page - Texas Instruments OPA317 Datasheet HTML 4Page - Texas Instruments OPA317 Datasheet HTML 5Page - Texas Instruments OPA317 Datasheet HTML 6Page - Texas Instruments OPA317 Datasheet HTML 7Page - Texas Instruments OPA317 Datasheet HTML 8Page - Texas Instruments OPA317 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
OPA317
OPA2317
OPA4317
SBOS682A – MAY 2013 – REVISED JUNE 2013
www.ti.com
ELECTRICAL CHARACTERISTICS: VS = +1.8 V to +5.5 V
At TA = +25°C, RL = 10 kΩ connected to midsupply, VCM = VOUT = midsupply, unless otherwise noted.
OPA317, OPA2317, OPA4317
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VS = +5 V
20
±90
μV
VOS
Input offset voltage
TA = –40°C to +125°C, VS = +5 V
±100
μV
dVOS/dT
vs temperature
TA = –40°C to +125°C
0.05
μV/°C
PSRR
vs power supply
TA = –40°C to +125°C, VS = +1.8 V to +5.5 V
1
10
μV/V
Long-term stability(1)
See (1)
Channel separation, dc
5
μV/V
INPUT BIAS CURRENT
±275
pA
IB
Input bias current
OPA4317
±155
pA
TA = –40°C to +125°C
±300
pA
±400
pA
IOS
Input offset current
OPA4317
±140
pA
NOISE
en
Input voltage noise density
f = 1 kHz
55
nV/
√Hz
f = 0.01 Hz to 1 Hz
0.3
μVPP
Input voltage noise
f = 0.1 Hz to 10 Hz
1.1
μVPP
in
Input current noise
f = 10 Hz
100
fA/
√Hz
INPUT VOLTAGE RANGE
VCM
Common-mode voltage range
(V–) – 0.1
(V+) + 0.1
V
TA = –40°C to +125°C
95
108
dB
(V–) – 0.1 V < VCM < (V+) + 0.1 V
CMRR
Common-mode rejection ratio
OPA4317, TA = –40°C to +125°C
95
108
dB
(V–) – 0.1 V < VCM < (V+) + 0.1 V, VS = 5.5 V
INPUT CAPACITANCE
Differential
2
pF
Common-mode
4
pF
OPEN-LOOP GAIN
TA = –40°C to +125°C, (V–) + 100 mV < VO <
AOL
Open-loop voltage gain
100
110
dB
(V+) – 100 mV, RL = 10 kΩ
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
CL = 100 pF
300
kHz
SR
Slew rate
G = +1
0.15
V/
μs
OUTPUT
Voltage output swing from rail
TA = –40°C to +125°C
30
100
mV
ISC
Short-circuit current
±5
mA
CL
Capacitive load drive
See Typical Characteristics
Open-loop output impedance
f = 350 kHz, IO = 0
2
k
Ω
POWER SUPPLY
VS
Specified voltage range
1.8
5.5
V
IQ
Quiescent current per amplifier
TA = –40°C to +125°C, IO = 0
21
35
μA
Turn-on time
VS = +5 V
100
μs
TEMPERATURE
Specified range
–40
+125
°C
Operating range
–40
+150
°C
Storage range
–65
+150
°C
(1)
300-hour life test at +150°C demonstrated randomly distributed variation of approximately 1
μV.
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: OPA317 OPA2317 OPA4317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com