Electronic Components Datasheet Search
  English  ▼

X  

OPA317 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA317
Description  Low-Offset, Rail-to-Rail I/O Operational Amplifier Precision Catalog
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA317 Datasheet(HTML) 2 Page - Texas Instruments

  OPA317 Datasheet HTML 1Page - Texas Instruments OPA317 Datasheet HTML 2Page - Texas Instruments OPA317 Datasheet HTML 3Page - Texas Instruments OPA317 Datasheet HTML 4Page - Texas Instruments OPA317 Datasheet HTML 5Page - Texas Instruments OPA317 Datasheet HTML 6Page - Texas Instruments OPA317 Datasheet HTML 7Page - Texas Instruments OPA317 Datasheet HTML 8Page - Texas Instruments OPA317 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
OPA317
OPA2317
OPA4317
SBOS682A – MAY 2013 – REVISED JUNE 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE AND ORDERING INFORMATION(1)
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
VALUE
UNIT
Supply voltage, VS = (V+) – (V–)
+7
V
Signal input terminals, voltage(2)
(V–) –0.3 to (V+) + 0.3
V
Signal input terminals, current(2)
±10
mA
Output short-circuit(3)
Continuous
Operating temperature
–40 to +150
°C
Storage temperature
–65 to +150
°C
Junction temperature
+150
°C
Human body model (HBM)
4000
V
Electrostatic
discharge (ESD)
Charged device model (CDM)
1000
V
ratings:
Machine model (MM)
400
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
(2)
Input terminals are diode-clamped to the power-supply rails. Input signals that can swing more than 0.3 V beyond the supply rails should
be current limited to 10 mA or less.
(3)
Short-circuit to ground, one amplifier per package.
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: OPA317 OPA2317 OPA4317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com