Electronic Components Datasheet Search
  English  ▼

X  

AFE5809 Datasheet(PDF) 2 Page - Texas Instruments

Part # AFE5809
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14, 12-Bit, 65 MSPS, 158 mW/CH
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5809 Datasheet(HTML) 2 Page - Texas Instruments

  AFE5809_13 Datasheet HTML 1Page - Texas Instruments AFE5809_13 Datasheet HTML 2Page - Texas Instruments AFE5809_13 Datasheet HTML 3Page - Texas Instruments AFE5809_13 Datasheet HTML 4Page - Texas Instruments AFE5809_13 Datasheet HTML 5Page - Texas Instruments AFE5809_13 Datasheet HTML 6Page - Texas Instruments AFE5809_13 Datasheet HTML 7Page - Texas Instruments AFE5809_13 Datasheet HTML 8Page - Texas Instruments AFE5809_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 90 page
background image
AFE5809
SLOS738C – SEPTEMBER 2012 – REVISED JANUARY 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
DESCRIPTION
The AFE5809 is a highly integrated Analog Front-End (AFE) solution specifically designed for ultrasound
systems in which high performance and small size are required. The AFE5809 integrates a complete time-gain-
control (TGC) imaging path and a continuous wave Doppler (CWD) path. It also enables users to select one of
various power/noise combinations to optimize system performance. Therefore, the AFE5809 is a suitable
ultrasound analog front end solution not only for high-end systems, but also for portable ones.
The AFE5809 contains eight channels of voltage controlled amplifier (VCA), 14, and 12-bit Analog-to-Digital
Converter (ADC), and CW mixer. The VCA includes Low noise Amplifier(LNA), Voltage controlled
Attenuator(VCAT), Programmable Gain Amplifier(PGA), and Low-Pass Filter (LPF). The LNA gain is
programmable to support 250 mVPP to 1 VPP input signals. Programmable active termination is also supported by
the LNA. The ultra-low noise VCAT provides an attenuation control range of 40 dB and improves overall low gain
SNR which benefits harmonic imaging and near field imaging. The PGA provides gain options of 24 dB and 30
dB. Before the ADC, a LPF can be configured as 10 MHz, 15 MHz, 20 MHz or 30 MHz to support ultrasound
applications with different frequencies. In addition, the signal chain of the AFE5809 can handle signal frequency
lower than 100 KHz, which enables the AFE5809 to be used in both sonar and medical applications. The high-
performance 14 bit/65 MSPS ADC in the AFE5809 achieves 77 dBFS SNR. It ensures excellent SNR at low
chain gain. The ADC’s LVDS outputs enable flexible system integration desired for miniaturized systems.
The AFE5809 integrates a low power passive mixer and a low noise summing amplifier to accomplish on-chip
CWD beamformer. 16 selectable phase-delays can be applied to each analog input signal. Meanwhile a unique
3rd and 5th order harmonic suppression filter is implemented to enhance CW sensitivity.
AFE5809 also includes a digital in-phase and quadrature (I/Q) demodulator and a low-pass decimation filter. The
main purpose of the demodulation block is to reduce the LVDS data rate and improve overall system power
efficiency. The I/Q demodulator can accept ADC output with up to 65 MSPS sampling rate and 14 bit resolution.
For example, after digital demodulation and 4× decimation filtering, the data rate for either in-phase or
quadrature output is reduced to 16.25 MSPS and the data resolution is improved to 16bit consequently. Hence,
the overall LVDS trace reduction can be a factor of 2. This demodulator can be bypassed and powered down
completely if it is not needed.
The AFE5809 is available in a 15mm × 9mm, 135-pin BGA package and it is specified for operation from 0°C to
85°C.
2
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: AFE5809



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com