Electronic Components Datasheet Search
  English  ▼

X  

AFE5809 Datasheet(PDF) 3 Page - Texas Instruments

Part # AFE5809
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14, 12-Bit, 65 MSPS, 158 mW/CH
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5809 Datasheet(HTML) 3 Page - Texas Instruments

  AFE5809_13 Datasheet HTML 1Page - Texas Instruments AFE5809_13 Datasheet HTML 2Page - Texas Instruments AFE5809_13 Datasheet HTML 3Page - Texas Instruments AFE5809_13 Datasheet HTML 4Page - Texas Instruments AFE5809_13 Datasheet HTML 5Page - Texas Instruments AFE5809_13 Datasheet HTML 6Page - Texas Instruments AFE5809_13 Datasheet HTML 7Page - Texas Instruments AFE5809_13 Datasheet HTML 8Page - Texas Instruments AFE5809_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 90 page
background image
DC
Removal
Down
Conversion
Samples
RAM
Decimation
Filter
DC
Removal
Down
Conversion
Decimation
Filter
Serializer
COS
-SIN
COS
-SIN
ADC 1
ADC 2
LVDS 1
LVDS 2
LVDS 3
LVDS 4
640Mbps
ADC 3
14bit 40MHz
ADC 4
14bit 40MHz
ADC 5
14bit 40MHz
ADC 6
14bit 40MHz
ADC 7
14bit 40MHz
ADC 8
14bit 40MHz
Channels 1, 2
Channels 3, 4
Channels 5, 6
Channels 7, 8
COS & -SIN
Table
Coefficient
Memory
Regsiters
Control
COS
-SIN
Freq
C0
Cn
. . .
14bit
40MHz
14bit
40MHz
C0
Cn
. . .
C0
Cn
. . .
Control
I
Q
I
Q
I
Q
I
Q
I
Q
I
Q
640Mbps
640Mbps
640Mbps
AFE5809
www.ti.com
SLOS738C – SEPTEMBER 2012 – REVISED JANUARY 2013
Figure 2. Digital Demodulator Block Diagram
PACKAGING/ORDERING INFORMATION(1)
TRANSPORT MEDIA,
PRODUCT
PACKAGE TYPE
OPERATING
ORDERING NUMBER
QUANTITY
AFE5809
ZCF
0°C to 85°C
AFE5809ZCF
Tray, 160
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: AFE5809



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com