Electronic Components Datasheet Search
  English  ▼

X  

AFE5809 Datasheet(PDF) 21 Page - Texas Instruments

Part # AFE5809
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14, 12-Bit, 65 MSPS, 158 mW/CH
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5809 Datasheet(HTML) 21 Page - Texas Instruments

Back Button AFE5809_13 Datasheet HTML 17Page - Texas Instruments AFE5809_13 Datasheet HTML 18Page - Texas Instruments AFE5809_13 Datasheet HTML 19Page - Texas Instruments AFE5809_13 Datasheet HTML 20Page - Texas Instruments AFE5809_13 Datasheet HTML 21Page - Texas Instruments AFE5809_13 Datasheet HTML 22Page - Texas Instruments AFE5809_13 Datasheet HTML 23Page - Texas Instruments AFE5809_13 Datasheet HTML 24Page - Texas Instruments AFE5809_13 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 90 page
background image
−80
−75
−70
−65
−60
−55
5
10
100
1000 2000
PSMR vs SUPPLY FREQUENCY
Supply frequency (kHz)
Vcntl = 0
Vcntl = 0.3
Vcntl = 0.6
Vcntl = 0.9
−90
−80
−70
−60
−50
−40
−30
−20
5
10
100
1000 2000
3V PSRR vs SUPPLY FREQUENCY
Supply frequency (kHz)
Vcntl = 0
Vcntl = 0.3
Vcntl = 0.6
Vcntl = 0.9
−75
−70
−65
−60
5
10
100
1000 2000
PSMR vs SUPPLY FREQUENCY
Supply frequency (kHz)
Vcntl = 0
Vcntl = 0.3
Vcntl = 0.6
Vcntl = 0.9
−70
−66
−62
−58
−54
−50
14
18
22
26
30
34
38
42
Gain (dB)
Fin1=2MHz, Fin2=2.01MHz
Fin1=5MHz, Fin2=5.01MHz
G001
−90
−80
−70
−60
−50
−40
18
21
24
27
30
33
36
39
42
45
48
Gain (dB)
Low noise
Low power
Medium power
−70
−66
−62
−58
−54
−50
14
18
22
26
30
34
38
42
Gain (dB)
Fin1=2MHz, Fin2=2.01MHz
Fin1=5MHz, Fin2=5.01MHz
G001
AFE5809
www.ti.com
SLOS738C – SEPTEMBER 2012 – REVISED JANUARY 2013
TYPICAL CHARACTERISTICS (continued)
Figure 45. HD3 vs Gain, LNA = 24 dB and PGA = 24 dB and
Figure 46. IMD3, Fout1 = -7 dBFS and Fout2 = -21 dBFS
VOUT = -1 dBFS
Figure 47. IMD3, Fout1 = -7 dBFS and Fout2 = -7 dBFS
Figure 48. AVDD Power Supply Modulation Ratio, 100 mVpp
Supply Noise with Different Frequencies
Figure 49. AVDD_5V Power Supply Modulation Ratio, 100
Figure 50. AVDD Power Supply Rejection Ratio, 100 mVpp
mVpp Supply Noise with Different Frequencies
Supply Noise with Different Frequencies
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: AFE5809



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com