Electronic Components Datasheet Search
  English  ▼

X  

H8PS-16B Datasheet(PDF) 19 Page - Omron Electronics LLC

Part # H8PS-16B
Description  This Compact Cam Positioner, Popular for Its Ease-of-use, Now Comes with Even Better Functions.
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H8PS-16B Datasheet(HTML) 19 Page - Omron Electronics LLC

Back Button H8PS-16B Datasheet HTML 15Page - Omron Electronics LLC H8PS-16B Datasheet HTML 16Page - Omron Electronics LLC H8PS-16B Datasheet HTML 17Page - Omron Electronics LLC H8PS-16B Datasheet HTML 18Page - Omron Electronics LLC H8PS-16B Datasheet HTML 19Page - Omron Electronics LLC H8PS-16B Datasheet HTML 20Page - Omron Electronics LLC H8PS-16B Datasheet HTML 21Page - Omron Electronics LLC H8PS-16B Datasheet HTML 22Page - Omron Electronics LLC H8PS-16B Datasheet HTML 23Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
H8PS
19
■ Precautions for Correct Use
• A cam output will remain ON if the set angles for two steps overlap
for the same cam number.
Step 1: 120
° ON → 170° OFF
Step 2: 150
° ON → 210° OFF
• A step will produce no output if the ON and OFF angle for the step
are the same.
• The RUN output does not turn ON during programming.
Note: The RUN output turns ON with the timing shown in the diagram,
but it remains OFF when an error occurs. Thus, you can use the
output as a timing signal during operation, including trial
operation.
• Input signals may be accepted, not accepted, or unstable for the
following times when the power supply is turned ON or OFF. Set the
system to allow leeway in the timing of input signals. Approx. 1
second is required from the time the power supply is turned ON
until outputs are made. Refer to the Operation Manual (Cat. No.
Z199) for information on other timing.
• When using 16-/32-output Modules, the operation timing of the
outputs will be as shown below in relation to the ON/OFF timing of
the start input. Refer to Bank Functions (F7/F8/F9) on page 29
when switching banks.
• Do not subject H8PS Connectors (outputs, Encoder) to more than
30 N of force.
• Confirm the waveform of the power supply circuit and install a
surge absorber. Surge or noise applied to the power supply may
destroy internal elements or cause malfunctions.
• Switch the power supply circuit with a device rated at 3.5 A or
higher.
• Inrush current of approximately 3.5 A will flow for a short period of
time when the power supply is turned ON. The H8PS may not start
if the capacity of the power supply is not sufficient. Be sure to use a
power supply with sufficient capacity.
• EEPROM is used as memory when the power is interrupted. The
write life of the EEPROM is 100000 writes. The EEPROM is written
when settings are changed or deleted or when the resolution is
changed.
• Make sure that all settings are appropriate for the application.
Unexpected operation resulting in property damage or accidents
may occur if the settings are not appropriate.
• Connect all negative (
−) terminals, COM terminals, and Vs
terminals.
• When using the Y92C-30 Parallel Input Adapter for parallel
operation, do not connect more than two H8PS Cam Positioners to
the same Encoder.
ON
OFF
120
°
150
° 170°
210
°
ON
OFF
RUN/TEST
PRGM
RUN output
Mode Switch
Unstable
Unstable
Not accepted
Accepted
Input status
Power
supply
0 to 1.3 s
ON
OFF
5 ms 0 to 1 s
225 ms max.
225 ms max.
Output OFF
Output OFF
Output possible
ON
OFF
Cam outputs
RUN output
Start input
Refer to the following manual for precautions in using the Cam Positioner and other information required for operation:
H8PS Cam Positioner Operation Manual (Cat. No. Z199)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com