Electronic Components Datasheet Search
  English  ▼

X  

H8PS-16B Datasheet(PDF) 26 Page - Omron Electronics LLC

Part # H8PS-16B
Description  This Compact Cam Positioner, Popular for Its Ease-of-use, Now Comes with Even Better Functions.
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H8PS-16B Datasheet(HTML) 26 Page - Omron Electronics LLC

Back Button H8PS-16B Datasheet HTML 22Page - Omron Electronics LLC H8PS-16B Datasheet HTML 23Page - Omron Electronics LLC H8PS-16B Datasheet HTML 24Page - Omron Electronics LLC H8PS-16B Datasheet HTML 25Page - Omron Electronics LLC H8PS-16B Datasheet HTML 26Page - Omron Electronics LLC H8PS-16B Datasheet HTML 27Page - Omron Electronics LLC H8PS-16B Datasheet HTML 28Page - Omron Electronics LLC H8PS-16B Datasheet HTML 29Page - Omron Electronics LLC H8PS-16B Datasheet HTML 30Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
H8PS
26
■ Advanced Functions
Set the advanced functions as required to perform more advanced operation. Outlines of the advanced functions are provided on the following
pages. For details, refer to the Operation Manual (Cat. No. Z199).
Mode Transitions
PRGM
TEST
RUN
PRGM
TEST
RUN
PRGM
TEST
RUN
: No. of pulse outputs [60]
: Pulse output start angle [0
°]
: Speed alarm upper limit [---]
: Speed alarm lower limit [---]
: Step number limit [---] (See note 1.)
: Cam protection [None]
: Bank enable/disable [Disable]
: Bank switching method [Bank inputs] (See note 2.)
: Bank copy (See note 2.)
Shaded items above are not displayed for 8-output models.
The values in parentheses are the default settings.
Note 1: The default setting is for 10 steps for all cams.
Note 2: Not displayed when F7 is disabled.
: E24 detection enable/disable [Enable]
Setting the
ADV Function
Advance angle
compensation (ADV)
function automatically
advances the ON/OFF
angle of outputs in
proportion to the
machine (Encoder)
speed.
➾ Refer to pages 28 to 30.
Programming Mode
Test Mode
Run Mode
PRG
Function Setting Mode
RUN
TST
Changed with the mode switch.
Changed with the mode switch.
ADV Key 3 s min.
ADV Key
ADV Key 5 s min.
ON/OFF Key 1 s min.
All Protection
Switching the Angle
and Speed Display
Disables all keys
and switches.
will light when the all
protection function is
enabled.
➾ Refer to page 24.
Main Display: Angle
Sub-display: Speed
↓ ↑
Main Display: Speed
Sub-display: Angle
➾ Refer to page 24.
ADV Key
ADV Key
ADV Key
ADV Key
ADV Key
ADV Key
ADV Key
ADV Key
ADV Key
ADV Key



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com