Electronic Components Datasheet Search
  English  ▼

X  

H8PS-16B Datasheet(PDF) 30 Page - Omron Electronics LLC

Part # H8PS-16B
Description  This Compact Cam Positioner, Popular for Its Ease-of-use, Now Comes with Even Better Functions.
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H8PS-16B Datasheet(HTML) 30 Page - Omron Electronics LLC

Back Button H8PS-16B Datasheet HTML 24Page - Omron Electronics LLC H8PS-16B Datasheet HTML 25Page - Omron Electronics LLC H8PS-16B Datasheet HTML 26Page - Omron Electronics LLC H8PS-16B Datasheet HTML 27Page - Omron Electronics LLC H8PS-16B Datasheet HTML 28Page - Omron Electronics LLC H8PS-16B Datasheet HTML 29Page - Omron Electronics LLC H8PS-16B Datasheet HTML 30Page - Omron Electronics LLC H8PS-16B Datasheet HTML 31Page - Omron Electronics LLC H8PS-16B Datasheet HTML 32Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
H8PS
30
Bank Switching Method (f8)
The following methods can be used to switch the bank: the bank
inputs on the terminal block or the BANK Key on the front of the Cam
Positioner. The method is set using the F8 menu in the Function
Setting Mode.
Note: 1. Default settings are shown in reverse type.
2. This setting can be made only when the Bank Function (F7)
has been enabled.
Setting Display
The bank inputs on the terminal block are used as shown in the
following table.
ON: Shorted to COM terminal.
OFF: Open
Bank Copy (f9)
Programs can be copied between banks. This function is convenient
to copy a program to a different bank when only some of the ON/OFF
angle settings need to be changed.
Note: This operation can be used only when the Bank Function (F7)
has been enabled.
Banks are copied using the F9 menu in the Function Setting Mode.
Setting Display
1. Set the number of the bank to be copied.
2. Set the number of the bank to receive the copy.
3. Execute the copy.
4. Copying completed.
E24 Detection (f10)
Displaying E24 errors (Encoder disconnected) can be disabled. The
setting does not normally need to be changed. When the Y92C-30
Parallel Input Adapter (order separately) is used to connect more
than one H8PS to the same Encoder, an E24 error can appear even
if the Encoder connection is normal. If this happens, use the E24
Detection function (F10) in the Function Setting Mode to disable E24
detection displays.
Note: Default settings are shown in reverse type.
Setting Display
Setting
Display
Description
Bank input
(IN)
Banks can be changed only with the bank
inputs. Even if a different bank number is
displayed in Programming Mode, the bank
specified with the bank inputs will be used
after switching to Run Mode or Test Mode.
Bank Key
(KEY)
key
Banks can be changed only with the
BANK Key. Bank inputs are disabled.
Use the ANGLE Keys
to set
the bank switching method.
Bank No.
Bank input terminals
1
2
4
0
OFF
OFF
OFF
1
ON
OFF
OFF
2
OFF
ON
OFF
3
ON
ON
OFF
4
OFF
OFF
ON
6
ON
OFF
ON
6
OFF
ON
ON
7
ON
ON
ON
in
CAM
STEP
PRG
in
key
(IN)
(KEY)
Example: Copying the Program in Bank 2 to Bank 3
Set bank number 2 (the copy
source) with the
Key and
then press the
Key.
Set bank number 3 (the copy
destination) with the
Key and
then press the
Key.
Confirm that cpy is displayed and
then press the
Key again.
After completion of copying end is
displayed for approx. 1 s and the
previous display will be resumed.
PRG
CAM
STEP
BANK
WRITE
PRG
CAM
STEP
BANK
WRITE
PRG
CAM
STEP
WRITE
PRG
CAM
STEP
Setting
Display
Description
Enabled
An E24 error will be displayed if the
Encoder is not connected correctly in
Run Mode or Test Mode.
Disabled
no
An E24 error will not be displayed
even if an Encoder is not connected.
yes
Enable or disable E24 detection
with the ANGLE Keys
.
PRG
CAM
STEP
yes
no
(Enabled)
(Disabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com