Electronic Components Datasheet Search
  English  ▼

X  

MPC9772 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # MPC9772
Description  3.3V 1:12 LVCMOS PLL Clock Generator Internal Power-On Reset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MPC9772 Datasheet(HTML) 5 Page - Integrated Device Technology

  MPC9772 Datasheet HTML 1Page - Integrated Device Technology MPC9772 Datasheet HTML 2Page - Integrated Device Technology MPC9772 Datasheet HTML 3Page - Integrated Device Technology MPC9772 Datasheet HTML 4Page - Integrated Device Technology MPC9772 Datasheet HTML 5Page - Integrated Device Technology MPC9772 Datasheet HTML 6Page - Integrated Device Technology MPC9772 Datasheet HTML 7Page - Integrated Device Technology MPC9772 Datasheet HTML 8Page - Integrated Device Technology MPC9772 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
MPC9772 REVISION 7 JANUARY 8, 2013
5
©2013 Integrated Device Technology, Inc.
MPC9772 Data Sheet
3.3V 1:12 LVCMOS PLL CLOCK GENERATOR
1
0
1
VCO
4
1
1
0
VCO
6
1
1
1
VCO
8
Table 6. Output Divider PLL Feedback (M)
VCO_SEL
FSEL_FB2
FSEL_FB1
FSEL_FB0
QFB
0
0
0
0
VCO
8
0
0
0
1
VCO
12
0
0
1
0
VCO
16
0
0
1
1
VCO
20
0
1
0
0
VCO
16
0
1
0
1
VCO
24
0
1
1
0
VCO
32
0
1
1
1
VCO
40
1
0
0
0
VCO
4
1
0
0
1
VCO
6
1
0
1
0
VCO
8
1
0
1
1
VCO
10
1
1
0
0
VCO
8
1
1
0
1
VCO
12
1
1
1
0
VCO
16
1
1
1
1
VCO
20
Table 7. General Specifications
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VTT
Output Termination Voltage
VCC  2
V
MM
ESD Protection (Machine Model)
200
V
HBM
ESD Protection (Human Body Model)
2000
V
LU
Latch-Up Immunity
200
mA
CPD
Power Dissipation Capacitance
12
pF
Per output
CIN
Input Capacitance
4.0
pF
Inputs
Table 8. Absolute Maximum Ratings(1)
1. Absolute maximum continuous ratings are those maximum values beyond which damage to the device may occur. Exposure to these
conditions or conditions beyond those indicated may adversely affect device reliability. Functional operation at absolute-maximum-rated
conditions is not implied.
Symbol
Characteristics
Min
Max
Unit
Condition
VCC
Supply Voltage
–0.3
3.9
V
VIN
DC Input Voltage
–0.3
VCC+0.3
V
VOUT
DC Output Voltage
–0.3
VCC+0.3
V
IIN
DC Input Current
20
mA
IOUT
DC Output Current
50
mA
TS
Storage Temperature
–65
125
C
Table 5. Output Divider Bank C (NC)
VCO_SEL
FSEL_C1
FSEL_C0
QC[0:3]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com