Electronic Components Datasheet Search
  English  ▼

X  

MPC9772 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # MPC9772
Description  3.3V 1:12 LVCMOS PLL Clock Generator Internal Power-On Reset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MPC9772 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button MPC9772 Datasheet HTML 4Page - Integrated Device Technology MPC9772 Datasheet HTML 5Page - Integrated Device Technology MPC9772 Datasheet HTML 6Page - Integrated Device Technology MPC9772 Datasheet HTML 7Page - Integrated Device Technology MPC9772 Datasheet HTML 8Page - Integrated Device Technology MPC9772 Datasheet HTML 9Page - Integrated Device Technology MPC9772 Datasheet HTML 10Page - Integrated Device Technology MPC9772 Datasheet HTML 11Page - Integrated Device Technology MPC9772 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
MPC9772 REVISION 7 JANUARY 8, 2013
8
©2013 Integrated Device Technology, Inc.
MPC9772 Data Sheet
3.3V 1:12 LVCMOS PLL CLOCK GENERATOR
APPLICATIONS INFORMATION
MPC9772 Configurations
Configuring the MPC9772 amounts to properly configuring
the internal dividers to produce the desired output
frequencies. The output frequency can be represented by
this formula:
where fREF is the reference frequency of the selected input
clock source (CCLKO, CCLK1 or XTAL interface), M is the
PLL feedback divider and N is a output divider. The PLL
feedback divider is configured by the FSEL_FB[2:0] and the
output dividers are individually configured for each output
bank by the FSEL_A[1:0], FSEL_B[1:0] and FSEL_C[1:0]
inputs.
The reference frequency fREF and the selection of the
feedback-divider M is limited by the specified VCO frequency
range. fREF and M must be configured to match the VCO
frequency range of 200 to 480 MHz in order to achieve stable
PLL operation:
fVCO,MIN (fREF VCO_SEL M) fVCO,MAX
The PLL post-divider VCO_SEL is either a divide-by-one
or a divide-by-two and can be used to situate the VCO into
the specified frequency range. This divider is controlled by
the VCO_SEL pin. VCO_SEL effectively extends the usable
input frequency range while it has no effect on the output to
reference frequency ratio.
The output frequency for each bank can be derived from
the VCO frequency and output divider:
fQA[0:3] = fVCO  (VCO_SEL  NA)
fQB[0:3] = fVCO  (VCO_SEL  NB)
fQC[0:3] = fVCO  (VCO_SEL  NC)
Table 11 shows the various PLL feedback and output
dividers and Figure 3 and Figure 4 display example
configurations for the MPC9772:
VCO_SEL
M
N
fREF
fOUT
fOUT = fREF  M  N
PLL
Table 11. MPC9772 Divider
Divider
Function
VCO_SEL
Values
M
PLL feedback
FSEL_FB[0:3]
1
4, 6, 8, 10, 12, 16
2
8, 12, 16, 20, 24, 32, 40
NA
Bank A Output
Divider
FSEL_A[0:1]
1
4, 6, 8, 12
2
8, 12, 16, 24
NB
Bank B Output
Divider
FSEL_B[0:1]
1
4, 6, 8, 10
2
8, 12, 16, 20
NC
Bank C Output
Divider
FSEL_C[0:1]
1
2, 4, 6, 8
2
4, 8, 12, 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com