Electronic Components Datasheet Search
  English  ▼

X  

LM2937 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM2937
Description  Output Current in Excess of 500 mA, Output Trimmed for 5% Tolerance Under all Operating Conditions
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2937 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM2937 Datasheet HTML 15Page - Texas Instruments LM2937 Datasheet HTML 16Page - Texas Instruments LM2937 Datasheet HTML 17Page - Texas Instruments LM2937 Datasheet HTML 18Page - Texas Instruments LM2937 Datasheet HTML 19Page - Texas Instruments LM2937 Datasheet HTML 20Page - Texas Instruments LM2937 Datasheet HTML 21Page - Texas Instruments LM2937 Datasheet HTML 22Page - Texas Instruments LM2937 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LM2937IMP-5.0
SOT-223
DCY
4
1000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LM2937IMP-5.0/NOPB
SOT-223
DCY
4
1000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LM2937IMP-8.0
SOT-223
DCY
4
1000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LM2937IMP-8.0/NOPB
SOT-223
DCY
4
1000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LM2937IMPX-10
SOT-223
DCY
4
2000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LM2937IMPX-10/NOPB
SOT-223
DCY
4
2000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LM2937IMPX-12
SOT-223
DCY
4
2000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LM2937IMPX-12/NOPB
SOT-223
DCY
4
2000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LM2937IMPX-15
SOT-223
DCY
4
2000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LM2937IMPX-15/NOPB
SOT-223
DCY
4
2000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LM2937IMPX-5.0
SOT-223
DCY
4
2000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LM2937IMPX-5.0/NOPB SOT-223
DCY
4
2000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LM2937IMPX-8.0
SOT-223
DCY
4
2000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LM2937IMPX-8.0/NOPB SOT-223
DCY
4
2000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LM2937ESX-12
DDPAK/TO-263
KTT
3
500
367.0
367.0
45.0
LM2937ESX-12/NOPB
DDPAK/TO-263
KTT
3
500
367.0
367.0
45.0
LM2937ESX-15
DDPAK/TO-263
KTT
3
500
367.0
367.0
45.0
PACKAGE MATERIALS INFORMATION
www.ti.com
8-Apr-2013
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com