Electronic Components Datasheet Search
  English  ▼

X  

LM5071 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM5071
Description  Compatible with 12V AC Adapters, Fully Compliant 802.3af Power Interface Port
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5071 Datasheet(HTML) 5 Page - Texas Instruments

  LM5071 Datasheet HTML 1Page - Texas Instruments LM5071 Datasheet HTML 2Page - Texas Instruments LM5071 Datasheet HTML 3Page - Texas Instruments LM5071 Datasheet HTML 4Page - Texas Instruments LM5071 Datasheet HTML 5Page - Texas Instruments LM5071 Datasheet HTML 6Page - Texas Instruments LM5071 Datasheet HTML 7Page - Texas Instruments LM5071 Datasheet HTML 8Page - Texas Instruments LM5071 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LM5071
www.ti.com
SNVS409E – NOVEMBER 2005 – REVISED APRIL 2013
Electrical Characteristics
(1)
Specifications in standard type face are for TJ = +25°C and those in boldface type apply over the full operating junction
temperature range. Unless otherwise specified: VIN = 48V, VCC = 10V, RT = 30.3kΩ.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Powered Interface
IOS
Offset Current
VIN < 10.0V
10
uA
VCLSS(ON)
Signature Resistor Disable /
VIN with respect to VEE
10.0
11.5
12.5
V
Classification Current Turn On
VCLSS(OFF)
Classification Current Turn Off
VIN with respect to VEE
23.5
25.0
26.5
V
Classification Voltage
With respect to VEE
1.43
1.5
1.57
V
ICLASS
Supply Current During
VIN =17V
0.5
1.0
mA
Classification
IDC
Supply Current During Normal
OUT floating
1
1.9
mA
Operation
UVLO Pin Reference Voltage
VIN > 27V
1.95
2.00
2.05
V
UVLO Hysteresis Current
VIN > UVLO
8.0
10
11.5
uA
Softstart Release
RTN falling with respect to VEE
1.2
1.45
1.7
V
Softstart Release Hysteresis
RTN rising with respect to VEE
0.8
1.1
1.3
V
RDS(ON)
PowerFET Resistance
I = 350mA, VIN = 48V
1
2.2
Ω
ILEAK
SMPS Bias Current
VEE = 0V, VIN = RTN = 57V
100
uA
AUX Pin Threshold
AUX pin rising with respect to VEE
2.4
2.5
2.65
V
AUX Pin Threshold Hysteresis
AUX pin falling with respect to VEE
0.4
0.5
0.6
V
ZAUX
AUX Pin Input Impedance
AUX = 0.5V
350
k
Ω
IINRUSH
Inrush Current Limit
VEE = 0V, RTN = 3.0V
70
100
130
mA
ILIM
DC Current Limit
VEE = 0V, RTN = 3.0V,
350
390
420
mA
Temp = 0°C to 85°C
ILIM
DC Current Limit
VEE = 0V, RTN = 3.0V, Temp = -
325
390
420
mA
40°C to 125°C
Startup Regulator
VinMin
Operational VIN Input Voltage
AUX = 5V, Vcc = Vin(2)
9.5
V
VccReg
VCC Regulation
Open ckt
7.5
7.8
8.1
V
VCC Current Limit
See(3)
15
20
mA
VCC Supply
VCC UVLO (Rising)
VccReg
VccReg –
– 300mV
100mV
VCC UVLO (Falling)
5.9
6.25
6.6
V
Supply Current (Icc)
Cload = 0
1.5
3
mA
Error Amplifier
GBW
Gain Bandwidth
4
MHz
DC Gain
75
dB
Input Voltage
FB = COMP
1.219
1.281
V
1.212
1.288
COMP Sink Capability
FB=1.5V COMP=1V
5
20
mA
Current Limit
ILIM Delay to Output
CS step from 0 to 0.6V, time to
20
ns
onset of OUT transition (90%)
Cycle by Cycle Current Limit
0.44
0.5
0.56
V
Threshold Voltage
(1)
Min and Max limits are 100% production tested at 25 °C. Limits over the operating temperature range are specified through correlation
using Statistical Quality Control (SQC) methods. Limits are used to calculate Texas Instruments’ Average Outgoing Quality Level
(AOQL).
(2)
The Vcc regulator requires an external source whenever the Vin pin is below 13V with respect to RTN. An external load on Vcc
increases this startup voltage requirement.
(3)
Device thermal limitations may limit usable range.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM5071



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com