Electronic Components Datasheet Search
  English  ▼

X  

LM5071 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM5071
Description  Compatible with 12V AC Adapters, Fully Compliant 802.3af Power Interface Port
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5071 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM5071 Datasheet HTML 12Page - Texas Instruments LM5071 Datasheet HTML 13Page - Texas Instruments LM5071 Datasheet HTML 14Page - Texas Instruments LM5071 Datasheet HTML 15Page - Texas Instruments LM5071 Datasheet HTML 16Page - Texas Instruments LM5071 Datasheet HTML 17Page - Texas Instruments LM5071 Datasheet HTML 18Page - Texas Instruments LM5071 Datasheet HTML 19Page - Texas Instruments LM5071 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LM5071
SNVS409E – NOVEMBER 2005 – REVISED APRIL 2013
www.ti.com
Thermal Protection
Internal thermal shutdown circuitry is provided to protect the integrated circuit in the event the maximum junction
temperature is exceeded. This feature prevents catastrophic failures from accidental device overheating. When
activated, typically at 165 degrees Celsius, the controller is forced into a low power standby state, disabling the
output driver, bias regulator, main interface pass MOSFET, and classification regulator if enabled. After the
temperature is reduced (typical hysteresis = 25°C) the VCC regulator will be enabled and a softstart sequence
initiated.
Thermal shutdown is not enabled during auxiliary power operation as the power MOSFET is not running any
current and should not experience an over-temperature condition. If the drain of the MOSFET exceeds 2.5V with
respect to VEE (internal Power Good de-assertion), PoE UVLO becomes de-asserted (insertion of PoE or other
48V supply), or the auxiliary power is removed, thermal limit will be re-enabled immediately.
LM5071 Application Circuit Diagrams
Figure 16. Single Isolated Output with Diode Rectification and 12V Auxiliary Supply
16
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM5071



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com