Electronic Components Datasheet Search
  English  ▼

X  

LM5071 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM5071
Description  Compatible with 12V AC Adapters, Fully Compliant 802.3af Power Interface Port
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5071 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM5071 Datasheet HTML 10Page - Texas Instruments LM5071 Datasheet HTML 11Page - Texas Instruments LM5071 Datasheet HTML 12Page - Texas Instruments LM5071 Datasheet HTML 13Page - Texas Instruments LM5071 Datasheet HTML 14Page - Texas Instruments LM5071 Datasheet HTML 15Page - Texas Instruments LM5071 Datasheet HTML 16Page - Texas Instruments LM5071 Datasheet HTML 17Page - Texas Instruments LM5071 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
VIN
RCLASS
AUX
VEE
VCC
OUT
RT
FB
CS
COMP
SS
RTN
ARTN
+PoE
+AUX
- AUX
UVLO
UVLORTN
LM 5071
0.1 PF
-PoE
+VOUT
100 k:
100 k:
LM5071
SNVS409E – NOVEMBER 2005 – REVISED APRIL 2013
www.ti.com
Figure 15. Simplified Schematic Showing Low Voltage Auxiliary Supply
Error Amplifier
An internal high gain error amplifier is provided within the LM5071. The amplifier’s non-inverting reference is set
to a fixed reference voltage of 1.25V. The inverting input is connected to the FB pin. In non-isolated applications,
the power converter output is connected to the FB pin via voltage scaling resistors. Loop compensation
components are connected between the COMP and FB pins. For most isolated applications the error amplifier
function is implemented on the secondary side of the converter and the internal error amplifier is not used. The
internal error amplifier is configured as an open drain output and can be disabled by connecting the FB pin to
ARTN. An internal 5K pull-up resistor between a 5V reference and COMP can be used as the pull-up for an
optocoupler in isolated applications.
Current Limit / Current Sense
The LM5071 provides a cycle-by-cycle over current protection function. Current limit is accomplished by an
internal current sense comparator. If the voltage at the current sense comparator input CS exceeds 0.5V with
respect to RTN/ARTN, the output pulse will be immediately terminated. A small RC filter, located near the CS pin
of the controller, is recommended to filter noise from the current sense signal. The CS input has an internal
MOSFET which discharges the CS pin capacitance at the conclusion of every cycle. The discharge device
remains on an additional 50ns after the beginning of the new cycle to attenuate the leading edge spike on the
current sense signal.
The LM5071 current sense and PWM comparators are very fast, and may respond to short duration noise
pulses. Layout considerations are critical for the current sense filter and sense resistor. The capacitor associated
with the CS filter must be located very close to the device and connected directly to the pins of the controller (CS
and ARTN). If a current sense transformer is used, both leads of the transformer secondary should be routed to
the sense resistor and the current sense filter network. A sense resistor located in the source of the primary
power MOSFET may be used for current sensing, but a low inductance resistor is required. When designing with
a current sense resistor, all of the noise sensitive low power ground connections should be connected together
local to the controller and a single connection should be made to the high current power return (sense resistor
ground point).
14
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM5071



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com