Electronic Components Datasheet Search
  English  ▼

X  

LM5576 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM5576
Description  Ultra-Wide Input Voltage Range from 6V to 75V, Adjustable Output Voltage as Low as 1.225V
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5576 Datasheet(HTML) 1 Page - Texas Instruments

  LM5576 Datasheet HTML 1Page - Texas Instruments LM5576 Datasheet HTML 2Page - Texas Instruments LM5576 Datasheet HTML 3Page - Texas Instruments LM5576 Datasheet HTML 4Page - Texas Instruments LM5576 Datasheet HTML 5Page - Texas Instruments LM5576 Datasheet HTML 6Page - Texas Instruments LM5576 Datasheet HTML 7Page - Texas Instruments LM5576 Datasheet HTML 8Page - Texas Instruments LM5576 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
BST
SW
COMP
FB
SS
RAMP
RT
VCC
VIN
OUT
IS
GND
LM5576
VIN
VOUT
SYNC
SD
LM5576, LM5576-Q1
www.ti.com
SNVS447I – JANUARY 2007 – REVISED APRIL 2013
LM5576/LM5576-Q1 SIMPLE SWITCHER® 75V, 3A Step-Down Switching Regulator
Check for Samples: LM5576, LM5576-Q1
1
FEATURES
DESCRIPTION
The LM5576 is an easy to use SIMPLE SWITCHER®
23
•
LM5576-Q1 is an Automotive Grade Product
buck regulator which allows design engineers to
that is AEC-Q100 grade 1 Qualified (
−40°C to +
design and optimize a robust power supply using a
125°C Operating Junction Temperature)
minimum set of components. Operating with an input
•
Integrated 75V, 170m
Ω N-channel MOSFET
voltage range of 6 - 75V, the LM5576 delivers 3A of
continuous output current with an integrated 170m
Ω
•
Ultra-Wide Input Voltage Range from 6V to 75V
N-Channel
MOSFET.
The
regulator
utilizes
an
•
Adjustable Output Voltage as Low as 1.225V
Emulated Current Mode architecture which provides
•
1.5% Feedback Reference Accuracy
inherent line regulation, tight load transient response,
•
Operating Frequency Adjustable Between
and ease of loop compensation without the usual
limitation of low-duty cycles associated with current
50kHz and 500kHz with Single Resistor
mode
regulators.
The
operating
frequency
is
•
Master or Slave Frequency Synchronization
adjustable
from
50kHz
to
500kHz
to
allow
•
Adjustable Soft-Start
optimization of size and efficiency. To reduce EMI, a
•
Emulated Current Mode Control Architecture
frequency synchronization pin allows multiple IC’s
from the LM(2)557x family to self-synchronize or to
•
Wide Bandwidth Error Amplifier
synchronize to an external clock. The LM5576
•
Built-in Protection
ensures robustness with cycle-by-cycle current limit,
•
Automotive Grade Product Datasheet that is
short-circuit
protection,
thermal
shut-down,
and
remote shut-down. The device is available in a power
AEC-Q100 Grade 0 Qualified is Available Upon
enhanced
HTSSOP-20
package
featuring
an
Request.
exposed die attach pad for thermal dissipation. The
–
(
−40°C to + 150°C Operating Junction
LM5576 is supported by the full suite of WEBENCH®
Temperature)
On-Line design tools.
APPLICATIONS
PACKAGE
•
Automotive
•
HTSSOP-20EP (Exposed Pad)
•
Industrial
Simplified Application Schematic
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
WEBENCH is a registered trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM5576

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5576 NSC-LM5576 Datasheet
465Kb / 24P
SIMPLE SWITCHER 75V, 3A Step-Down Switching Regulator
logo
Texas Instruments
LM5576 TI-LM5576 Datasheet
1,022Kb / 30P
LM5576/LM5576-Q1 SIMPLE SWITCHER 75V, 3A Step-Down Switching Regulator
LM5576 TI1-LM5576 Datasheet
1Mb / 30P
SIMPLE SWITCHER짰 75V, 3A Step-Down Switching Regulator
LM5576 TI1-LM5576 Datasheet
1Mb / 34P
LM5576/-Q1 SIMPLE SWITCHER짰 75 V, 3 A Step-Down Switching Regulator
LM5576 TI1-LM5576 Datasheet
1Mb / 34P
SIMPLE SWITCHER 75 V, 3 A Step-Down Switching Regulator
More results

Similar Description - LM5576

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4482N TI-PT4482N Datasheet
157Kb / 7P
36V to 75V Input Voltage Range Programmable Output Voltage Range: 1.3V to 3.5V
PT4484-48V TI1-PT4484-48V Datasheet
182Kb / 8P
36V to 75V Input Voltage Range
logo
MORNSUN Science& Techno...
PV15-29B05 MORNSUN-PV15-29B05 Datasheet
1Mb / 6P
Ultra wide input voltage range
PV15-29B05L MORNSUN-PV15-29B05L Datasheet
1Mb / 4P
Ultra wide input voltage range
PV40-29B12 MORNSUN-PV40-29B12 Datasheet
1Mb / 6P
Ultra wide input voltage range
PV45-29D1515-15 MORNSUN-PV45-29D1515-15 Datasheet
951Kb / 4P
Ultra wide input voltage range
URB1D03LMD-15WR3 MORNSUN-URB1D03LMD-15WR3 Datasheet
3Mb / 9P
Ultra wide input voltage range
URB1D05YMD-6WR3 MORNSUN-URB1D05YMD-6WR3 Datasheet
2Mb / 7P
Ultra wide input voltage range
logo
Bel Fuse Inc.
RCM60 BEL-RCM60 Datasheet
2Mb / 16P
Ultra-wide input voltage range
logo
Maxim Integrated Produc...
MAX1687EVKIT MAXIM-MAX1687EVKIT Datasheet
114Kb / 4P
2.7V to 6V Input Voltage Range
1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com