Electronic Components Datasheet Search
  English  ▼

X  

LM5576 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM5576
Description  Ultra-Wide Input Voltage Range from 6V to 75V, Adjustable Output Voltage as Low as 1.225V
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5576 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM5576 Datasheet HTML 15Page - Texas Instruments LM5576 Datasheet HTML 16Page - Texas Instruments LM5576 Datasheet HTML 17Page - Texas Instruments LM5576 Datasheet HTML 18Page - Texas Instruments LM5576 Datasheet HTML 19Page - Texas Instruments LM5576 Datasheet HTML 20Page - Texas Instruments LM5576 Datasheet HTML 21Page - Texas Instruments LM5576 Datasheet HTML 22Page - Texas Instruments LM5576 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
BST
SW
VCC
IS
GND
LM5576
COUT
D1
L1
D2
VOUT
BST
SW
VCC
IS
GND
LM5576
VOUT
D2
D1
L1
COUT
LM5576, LM5576-Q1
www.ti.com
SNVS447I – JANUARY 2007 – REVISED APRIL 2013
BIAS POWER DISSIPATION REDUCTION
Buck regulators operating with high input voltage can dissipate an appreciable amount of power for the bias of
the IC. The VCC regulator must step-down the input voltage VIN to a nominal VCC level of 7V. The large voltage
drop across the VCC regulator translates into a large power dissipation within the Vcc regulator. There are several
techniques that can significantly reduce this bias regulator power dissipation. Figure 20 and Figure 21 depict two
methods to bias the IC from the output voltage. In each case the internal Vcc regulator is used to initially bias the
VCC pin. After the output voltage is established, the VCC pin potential is raised above the nominal 7V regulation
level, which effectively disables the internal VCC regulator. The voltage applied to the VCC pin should never
exceed 14V. The VCC voltage should never be larger than the VIN voltage.
Figure 20. VCC Bias from VOUT for 8V < VOUT < 14V
Figure 21. VCC Bias with Additional Winding on the Output Inductor
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM5576 LM5576-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com