Electronic Components Datasheet Search
  English  ▼

X  

LM5576 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM5576
Description  Ultra-Wide Input Voltage Range from 6V to 75V, Adjustable Output Voltage as Low as 1.225V
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5576 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM5576 Datasheet HTML 12Page - Texas Instruments LM5576 Datasheet HTML 13Page - Texas Instruments LM5576 Datasheet HTML 14Page - Texas Instruments LM5576 Datasheet HTML 15Page - Texas Instruments LM5576 Datasheet HTML 16Page - Texas Instruments LM5576 Datasheet HTML 17Page - Texas Instruments LM5576 Datasheet HTML 18Page - Texas Instruments LM5576 Datasheet HTML 19Page - Texas Instruments LM5576 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
R2 = 1.225 x
R1
VIN(min) + (5 x 10
-6 x R1) ± 1.225
§
¨
©
SS
C4
1.225 V
t
10 A
´
=
m
LM5576, LM5576-Q1
SNVS447I – JANUARY 2007 – REVISED APRIL 2013
www.ti.com
C8
The capacitor at the VCC pin provides noise filtering and stability for the VCC regulator. The recommended value
of C8 should be no smaller than 0.1µF, and should be a good quality, low ESR, ceramic capacitor. A value of
0.47µF was selected for this design.
C7
The bootstrap capacitor between the BST and the SW pins supplies the gate current to charge the buck switch
gate at turn-on. The recommended value of C7 is 0.022µF, and should be a good quality, low ESR, ceramic
capacitor.
C4
The capacitor at the SS pin determines the soft-start time, i.e. the time for the reference voltage and the output
voltage, to reach the final regulated value. The time is determined from:
(12)
For this application, a C4 value of 0.01µF was chosen which corresponds to a soft-start time of 1ms.
R5, R6
R5 and R6 set the output voltage level, the ratio of these resistors is calculated from:
R5/R6 = (VOUT / 1.225V) - 1
(13)
For a 5V output, the R5/R6 ratio calculates to 3.082. The resistors should be chosen from standard value
resistors, a good starting point is selection in the range of 1.0k
Ω - 10kΩ. Values of 5.11kΩ for R5, and 1.65kΩ for
R6 were selected.
R1, R2, C12
A voltage divider can be connected to the SD pin to set a minimum operating voltage Vin(min) for the regulator. If
this feature is required, the easiest approach to select the divider resistor values is to select a value for R1
(between 10k
Ω and 100kΩ recommended) then calculate R2 from:
(14)
Capacitor C12 provides filtering for the divider. The voltage at the SD pin should never exceed 8V, when using
an external set-point divider it may be necessary to clamp the SD pin at high input voltage conditions. The
reference design utilizes the full range of the LM5576 (6V to 75V); therefore these components can be omitted.
With the SD pin open circuit the LM5576 responds once the Vcc UVLO threshold is satisfied.
R7, C11
A snubber network across the power diode reduces ringing and spikes at the switching node. Excessive ringing
and spikes can cause erratic operation and couple spikes and noise to the output. Voltage spikes beyond the
rating of the LM5576 or the re-circulating diode can damage these devices. Selecting the values for the snubber
is best accomplished through empirical methods. First, make sure the lead lengths for the snubber connections
are very short. For the current levels typical for the LM5576 a resistor value between 5 and 20 Ohms is
adequate. Increasing the value of the snubber capacitor results in more damping but higher losses. Select a
minimum value of C11 that provides adequate damping of the SW pin waveform at high load.
R4, C5, C6
These components configure the error amplifier gain characteristics to accomplish a stable overall loop gain. One
advantage of current mode control is the ability to close the loop with only two feedback components, R4 and C5.
The overall loop gain is the product of the modulator gain and the error amplifier gain. The DC modulator gain of
the LM5576 is as follows:
16
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM5576 LM5576-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com