Electronic Components Datasheet Search
  English  ▼

X  

SNAS470D Datasheet(PDF) 6 Page - Texas Instruments

Part # SNAS470D
Description  Output Fault Detection, I2C Volume and Mode Control, Input Mixer/Multiplexer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNAS470D Datasheet(HTML) 6 Page - Texas Instruments

Back Button SNAS470D Datasheet HTML 2Page - Texas Instruments SNAS470D Datasheet HTML 3Page - Texas Instruments SNAS470D Datasheet HTML 4Page - Texas Instruments SNAS470D Datasheet HTML 5Page - Texas Instruments SNAS470D Datasheet HTML 6Page - Texas Instruments SNAS470D Datasheet HTML 7Page - Texas Instruments SNAS470D Datasheet HTML 8Page - Texas Instruments SNAS470D Datasheet HTML 9Page - Texas Instruments SNAS470D Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LM48100Q
SNAS470D – OCTOBER 2008 – REVISED MARCH 2013
www.ti.com
Audio Amplifier Electrical Characteristics VDD = 3.6V
(1)(2) (continued)
The following specifications apply for Programmable Gain = 0dB, RL = 8Ω, f = 1kHz, unless otherwise specified. Limits apply
for TA = 25°C.
LM48100Q
Typical
Room
Extended
Units
Symbol
Parameter
Conditions
(3)
Temp
Temp
(Limits)
Limits
Limits
(4)
(4) (5)
dB (max)
Minimum Gain Setting
–54
±1
dB (min)
AV
Gain
dB (max)
Maximum Gain Setting
18
±1
dB (min)
Mute
Mute Attenuation
–79
–77
dB (max)
11.5
k
Ω (min)
AV = 18dB
12.5
13.5
k
Ω (max)
RIN
Input Resistance
98
89
k
Ω (min)
AV = –54dB
110
120
135
k
Ω (max)
RL = 8Ω, f = 1kHz
PO
Output Power
THD+N = 10%
820
mW
THD+N = 1%
660
480
mW (min)
Total Harmonic Distortion +
THD+N
PO = 400mW, f = 1kHz, RL = 8Ω
0.04
% (max)
Noise
VRIPPLE = 200mVP-P Sine, Inputs AC GND, CIN_= 1μF, input referred, CBIAS = 2.2μF
Power Supply Rejection
PSRR
f = 217Hz
78
66
60
dB (min)
Ratio
f = 1kHz
75
dB
SNR
Signal-to-Noise-Ratio
POUT = TBDmW, f = 1kHz
106
dB
∈OS
Output Noise
AV = 0dB, A-weighted Filter
12.5
μV
IOUT(FAULT)
FAULT Output Current
FAULT = 0, VOUT(FAULT) = 0.4V
3
mA
Short between either OUTA to VDD or
Output to Supply Short
GND, or OUTB to VDD or GND
RFAULT
Circuit Detection Threshold
Short Circuit
3
k
Ω (min)
Open Circuit
7.5
k
Ω (max)
Short between both OUTA and OUTB to
Output to Supply Short
VDD or GND
RFAULT
Circuit Detection Threshold
Short Circuit
6
k
Ω (min)
Open Circuit
15
k
Ω (max)
Open Circuit Detection
100
Ω (min)
ROPEN
Open circuit between OUTA and OUTB
Threshold
200
Ω (max)
Output to Output Short
2
Ω (min)
RSHT
Short circuit between OUTA and OUTB
Circuit Detection Threshold
6
Ω (max)
ISHTCKT
Short Circuit Current Limit
1.43
A
TSD
170
°C
tDIAG
Diagnostic Time
63
ms
6
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM48100Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com