Electronic Components Datasheet Search
  English  ▼

X  

SNAS470D Datasheet(PDF) 1 Page - Texas Instruments

Part # SNAS470D
Description  Output Fault Detection, I2C Volume and Mode Control, Input Mixer/Multiplexer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNAS470D Datasheet(HTML) 1 Page - Texas Instruments

  SNAS470D Datasheet HTML 1Page - Texas Instruments SNAS470D Datasheet HTML 2Page - Texas Instruments SNAS470D Datasheet HTML 3Page - Texas Instruments SNAS470D Datasheet HTML 4Page - Texas Instruments SNAS470D Datasheet HTML 5Page - Texas Instruments SNAS470D Datasheet HTML 6Page - Texas Instruments SNAS470D Datasheet HTML 7Page - Texas Instruments SNAS470D Datasheet HTML 8Page - Texas Instruments SNAS470D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LM48100Q
www.ti.com
SNAS470D – OCTOBER 2008 – REVISED MARCH 2013
LM48100Q Boomer™ Mono, 1.3W Audio Power Amplifier with Output Fault Detection and
Volume Control
Check for Samples: LM48100Q
1
FEATURES
DESCRIPTION
The LM48100Q is a single supply, mono, bridge-tied
23
•
Output Fault Detection
load amplifier with I2C volume control, ideal for
•
I2C Volume and Mode Control
automotive applications. A comprehensive output
•
Input Mixer/Multiplexer
fault detection system senses the load conditions,
protecting the device during short circuit events, as
•
High PSRR
well as detecting open circuit conditions.
•
Individual 32-Step Volume Control
Operating from a single 5V supply, the LM48100Q
•
Short Circuit and Thermal Protection
delivers 1.3W of continuous output power to an 8
Ω
•
Advanced Click-and-Pop Suppression
load with < 1% THD+N. Flexible power supply
•
Low Power Shutdown Mode
requirements allow operation from 3.0V to 5.5V. High
power supply rejection ratio (PSRR), 74dB at 1kHz,
•
Available in 14-pin HTSSOP Package
allows the device to operate in noisy environments
without additional power supply conditioning.
APPLICATIONS
The LM48100Q features dual audio inputs that can
•
Automotive Instrument Clusters
be mixed/multiplexed to the device output. Each input
•
Hands-free Car Kits
path has its own independent, 32-step volume
•
Medical
control. The mixer, volume control and device mode
select are controlled through an I2C compatible
interface. An open drain FAULT output indicates
KEY SPECIFICATIONS
when a fault has occurred. Comprehensive output
•
Output Power at VDD = 5V, RL = 8Ω, THD+N ≤
short circuit and thermal overload protection prevent
1% 1.3W (typ)
the device from being damaged during a fault
•
Quiescent Power Supply Current
at 5V 6mA
condition.
(Typ)
A low power shutdown mode reduces supply current
•
PSRR at 1kHz 74dB (Typ)
consumption to 0.01µA. Superior click and pop
suppression eliminates audible transients on power-
•
Shutdown current 0.01
μA (Typ)
up/down and during shutdown. The LM48100Q is
available in an 14-pin HTSSOP package
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Boomer is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SNAS470D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNAS124A TI2-SNAS124A Datasheet
303Kb / 16P
ADCV08832 Low Voltage, 8-Bit Serial I/O CMOS A/D Converter with Sample/Hold Function
May 2001
SNAS516A TI1-SNAS516A Datasheet
588Kb / 46P
LMK04100 Family Clock Jitter Cleaner with Cascaded PLLs
SNAS557 TI1-SNAS557 Datasheet
423Kb / 28P
DP8570A Timer Clock Peripheral
SNAS561 TI1-SNAS561 Datasheet
313Kb / 18P
DP8573A Real Time Clock
SNAS763 TI-SNAS763 Datasheet
94Kb / 7P
OCTAL BUFFERS AND LINE DRIVERS WITH OPEN-COLLECTOR OUTPUTS
More results

Similar Description - SNAS470D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9726 MAXIM-MAX9726 Datasheet
525Kb / 26P
DirectDrive, Headphone Amplifier with BassMax, I2C, Volume and Gain Control
Rev 0; 9/06
logo
MOSA ELECTRONICS
MS6864 MOSA-MS6864 Datasheet
674Kb / 19P
Dual 2W Power Amplifier, I2C interface Stereo Input with Volume Control
logo
National Semiconductor ...
LM48100Q NSC-LM48100Q Datasheet
583Kb / 24P
Mono, 1.3W Audio Power Amplifier with Output Fault Detection and Volume Control
logo
MOSA ELECTRONICS
MS6864 MOSA-MS6864_1 Datasheet
696Kb / 21P
Dual 2W Power Amplifier, I2C interface Stereo Input with Volume Control
logo
Allegro MicroSystems
A2557 ALLEGRO-A2557_09 Datasheet
306Kb / 12P
Protected Quad Driver with Fault Detection and Sleep Mode
logo
Texas Instruments
LM48100QMHE TI-LM48100QMHE Datasheet
949Kb / 24P
LM48100Q Boomer Mono, 1.3W Audio Power Amplifier with Output Fault Detection and Volume Control
logo
Allegro MicroSystems
A3187LUA-T ALLEGRO-A3187LUA-T Datasheet
684Kb / 8P
Protected Quad Driver with Fault Detection and Sleep Mode
logo
Analog Devices
ADG5404F AD-ADG5404F Datasheet
560Kb / 30P
Fault Protection and Detection, 10 ohm RON, 4-Channel Multiplexer
REV. B
logo
Maxim Integrated Produc...
MAX14890E MAXIM-MAX14890E Datasheet
990Kb / 30P
Overvoltage and Undervoltage Fault Detection
Rev 0; 3/15
MAX9723 MAXIM-MAX9723_V01 Datasheet
1Mb / 26P
Stereo DirectDrive Headphone Amplifier with BassMax, Volume Control, and I2C
19-3509; Rev 5; 2/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com