Electronic Components Datasheet Search
  English  ▼

X  

GL3233 Datasheet(PDF) 4 Page - GENESYS LOGIC

Part # GL3233
Description  USB 3.0 Single-LUN Memory Card Reader Controller Product Overview
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL3233 Datasheet(HTML) 4 Page - GENESYS LOGIC

  GL3233 Datasheet HTML 1Page - GENESYS LOGIC GL3233 Datasheet HTML 2Page - GENESYS LOGIC GL3233 Datasheet HTML 3Page - GENESYS LOGIC GL3233 Datasheet HTML 4Page - GENESYS LOGIC GL3233 Datasheet HTML 5Page - GENESYS LOGIC GL3233 Datasheet HTML 6Page - GENESYS LOGIC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
GL3233 Product Overview
©2012 Genesys Logic, Inc. - All rights reserved.
Page 4
FEATURES
USB specification compliance
-
Comply with Universal Serial Bus 3.0 Specification rev. 1.0 (USB 3.0)
-
Comply with Universal Serial Bus Specification rev. 2.0 (USB 2.0)
-
Comply with USB Mass Storage Class Specification rev. 1.0
-
Support USB Mass Storage Class Bulk-Only Transport (BOT)
-
Support 1 device address and up to 3 endpoints: Control (0) / Bulk Data Write Out (1) / Bulk Data
Read In (2)
-
Support 5 Gbps/SuperSpeed, 480 Mbps/high-speed, and 12 Mbps/full-speed transfer rates
Integrated USB building blocks
-
SuperSpeed/USB2.0 transceiver macro (UTM), Serial Interface Engine (SIE) and embedded
Power-On Reset (POR)
Embedded high speed 8051 micro-controller
High efficiency hardware DMA engine improves data transfer performance between USB and flash card
interfaces
Support CompactFlash
TM v6.0 with PIO mode 6 / Ultra DMA mode 7 and LBA48 (Capacity up to
144PB)
Support Secure Digital
TM v1.0 / v1.1 / v2.0/ SDHC / SDXC (capacity up to 2TB)
Support Secure Digital
TM v3.0 UHS-I (Ultra High Speed): SDR12/SDR25/SDR50/DDR50/SDR104
Compliant with MultiMediaCard
TM (MMC)
-
MMC specification v3.x / v4.0 / v4.1 / v4.2 / v4.3 / v4.4
-
x1 / x4 / x8 bit data bus
Support Memory Stick
TM / Memory Stick PRO / Memory Stick PRO Duo / Memory Stick Micro
/Memory Stick PRO-HG / Memory Stick XC (capacity up to 2TB)
-
Compliant with Memory Stick Series Specification: MS v1.43, MS PRO v1.05, MS Micro v1.04
(MS HG Micro v1.00), MS PRO-HG Duo 1.03, MS XC Duo v1.00, MS XC-HG Duo v1.00, MS
XC Micro v1.00 and MS XC-HG Micro v1.00
-
Support Read/Write quad data access (512Bytex4) for MS PRO-HG to enhance the transmission
rate
Support xD-Picture Card
TM v1.2C Type M/H
Support ISP (In System Programming) for firmware upgrade into the external SPI Flash via USB port
On-Chip power MOSFETs for supplying flash media card power
On-chip 5V to 3.3V and 3.3V to 1.2V regulator
Support U0/U1/U2/U3 power management mode
Pass the USB-IF Test Procedure for SuperSpeed product (TID: 340810011)
Pass WHCK (Windows Hardware Certification Kit) test for Windows 8 (Submission ID: 1508144)
Pass WHQL (Windows Hardware Quality Lab) test for Windows 7 (Submission ID: 1497856)
Available in LQFP64 pin package (7x7mm) which can support one LUN: SD/MS/xD/CF
Available in LQFN46 pin package (6.5x4.5mm) which can support one LUN: SD/MS/xD
Available in LQFP48 pin package (7x7mm) which can support one LUN: SD/MS/xD



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com