Electronic Components Datasheet Search
  English  ▼

X  

GL3233 Datasheet(PDF) 6 Page - GENESYS LOGIC

Part # GL3233
Description  USB 3.0 Single-LUN Memory Card Reader Controller Product Overview
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL3233 Datasheet(HTML) 6 Page - GENESYS LOGIC

  GL3233 Datasheet HTML 1Page - GENESYS LOGIC GL3233 Datasheet HTML 2Page - GENESYS LOGIC GL3233 Datasheet HTML 3Page - GENESYS LOGIC GL3233 Datasheet HTML 4Page - GENESYS LOGIC GL3233 Datasheet HTML 5Page - GENESYS LOGIC GL3233 Datasheet HTML 6Page - GENESYS LOGIC  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
GL3233 Product Overview
©2012 Genesys Logic, Inc. - All rights reserved.
Page 6
MHE (Media Hardware Engine)
Media Interface: CF/xD/SD/MMC/MS/MS PRO/MS PRO-HG
Regulator
5V to 3.3V
3.3V Power Source
3.3V to 1.2V
1.2V Power Source



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com