Electronic Components Datasheet Search
  English  ▼

X  

MRF166C Datasheet(PDF) 4 Page - Motorola, Inc

Part # MRF166C
Description  MOSFET BROADBAND RF POWER FETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF166C Datasheet(HTML) 4 Page - Motorola, Inc

  MRF166C Datasheet HTML 1Page - Motorola, Inc MRF166C Datasheet HTML 2Page - Motorola, Inc MRF166C Datasheet HTML 3Page - Motorola, Inc MRF166C Datasheet HTML 4Page - Motorola, Inc MRF166C Datasheet HTML 5Page - Motorola, Inc MRF166C Datasheet HTML 6Page - Motorola, Inc MRF166C Datasheet HTML 7Page - Motorola, Inc MRF166C Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MRF166 MRF166C
4
MOTOROLA RF DEVICE DATA
100
1
2
5
10
20
50
25
20
15
10
5
0
Coss
Ciss
Crss
VGS = 0 V
f = 1 MHz
VDS, DRAIN–SOURCE VOLTAGE (VOLTS)
Figure 3. Capacitance versus Drain–Source Voltage
100
10
0
VDS, DRAIN–SOURCE VOLTAGE (VOLTS)
Figure 4. DC Safe Operating Area
10
1
0.1
35
30
25
20
15
10
5
0
0.8
Pin, INPUT POWER (WATTS)
Figure 5. Output Power versus Input Power
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
f = 150 MHz
VDS = 28 V
IDQ = 25 mA
32
28
24
20
16
12
8
4
0
VDS, DRAIN–SOURCE VOLTAGE (VOLTS)
12
14
16
18
20
22
24
26
28
Figure 6. Output Power versus Voltage
Pin = 0.6 W
0.3 W
0.1 W
f = 150 MHz
IDQ = 25 mA
16
14
12
10
8
6
4
2
0
0.8
Pin, INPUT POWER (WATTS)
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
f = 150 MHz
VDS = 13.5 V
IDQ = 25 mA
Figure 7. Output Power versus Input Power
TYPICAL CHARACTERISTICS
MRF166
TC = 25°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com