Electronic Components Datasheet Search
  English  ▼

X  

MRF166C Datasheet(PDF) 1 Page - Motorola, Inc

Part # MRF166C
Description  MOSFET BROADBAND RF POWER FETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF166C Datasheet(HTML) 1 Page - Motorola, Inc

  MRF166C Datasheet HTML 1Page - Motorola, Inc MRF166C Datasheet HTML 2Page - Motorola, Inc MRF166C Datasheet HTML 3Page - Motorola, Inc MRF166C Datasheet HTML 4Page - Motorola, Inc MRF166C Datasheet HTML 5Page - Motorola, Inc MRF166C Datasheet HTML 6Page - Motorola, Inc MRF166C Datasheet HTML 7Page - Motorola, Inc MRF166C Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
MRF166 MRF166C
MOTOROLA RF DEVICE DATA
The RF MOSFET Line
RF Power
Field Effect Transistors
N–Channel Enhancement Mode MOSFETs
Designed primarily for wideband large–signal output and driver from 30 – 500
MHz.
• Low Crss — 4.5 pF @ VDS = 28 V
• MRF166C — Typical Performance at 400 MHz, 28 Vdc
Output Power = 20 W
Gain = 17 dB
Efficiency = 55%
• Optional 4–Lead Flange Package (MRF166)
• Replacement for Industry Standards such as MRF136, DV2820, BLF244,
SD1902, and ST1001
• 100% Tested for Load Mismatch at all Phase Angles with 30:1 VSWR
• Facilitates Manual Gain Control, ALC and Modulation Techniques
• Excellent Thermal Stability, Ideally Suited for Class A Operation
• Circuit board photomaster available upon request by
contacting RF Tactical Marketing in Phoenix, AZ.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain–Gate Voltage
VDSS
65
Vdc
Drain–Gate Voltage
(RGS = 1.0 MΩ)
VDGR
65
Vdc
Gate–Source Voltage
VGS
±40
Adc
Drain Current — Continuous
ID
4.0
Adc
Total Device Dissipation @ TC = 25°C
Derate Above 25
°C
PD
70
0.4
Watts
W/
°C
Storage Temperature Range
Tstg
– 65 to 150
°C
Operating Junction Temperature
TJ
200
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
2.5
°C/W
NOTE — CAUTION — MOS devices are susceptible to damage from electrostatic charge. Reasonable precautions in handling and
packaging MOS devices should be observed.
Order this document
by MRF166/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MRF166
MRF166C
20 W, 500 MHz
MOSFET
BROADBAND
RF POWER FETs
CASE 211–07, STYLE 2
CASE 319–07, STYLE 3
© Motorola, Inc. 1994
D
G
S
REV 6


Similar Part No. - MRF166C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF166C MOTOROLA-MRF166C Datasheet
111Kb / 6P
MOSFET BROADBAND RF POWER FETs
logo
Tyco Electronics
MRF166C MACOM-MRF166C Datasheet
178Kb / 9P
MOSFET BROADBAND RF POWER FETs
logo
M/A-COM Technology Solu...
MRF166C MA-COM-MRF166C Datasheet
560Kb / 11P
The RF MOSFET Line 20W, 500MHz, 28V
MRF166C MA-COM-MRF166C Datasheet
560Kb / 11P
The RF MOSFET Line 20W, 500MHz, 28V
MRF166C MA-COM-MRF166C_15 Datasheet
560Kb / 11P
The RF MOSFET Line
More results

Similar Description - MRF166C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF136 MOTOROLA-MRF136 Datasheet
284Kb / 12P
N-CHANNEL MOS BROADBAND RF POWER FETs
MRF166C MOTOROLA-MRF166C Datasheet
111Kb / 6P
MOSFET BROADBAND RF POWER FETs
MRF175GU MOTOROLA-MRF175GU Datasheet
183Kb / 8P
N-CHANNEL MOS BROADBAND RF POWER FETs
MRF175LU MOTOROLA-MRF175LU Datasheet
138Kb / 8P
N-CHANNEL BROADBAND RF POWER FETs
MRF176GU MOTOROLA-MRF176GU Datasheet
177Kb / 10P
N-CHANNEL MOS BROADBAND RF POWER FETs
logo
Tyco Electronics
MRF166C MACOM-MRF166C Datasheet
178Kb / 9P
MOSFET BROADBAND RF POWER FETs
MRF175GU MACOM-MRF175GU Datasheet
214Kb / 11P
N-CHANNEL MOS BROADBAND RF POWER FETs
MRF175GU1111 MACOM-MRF175GU1111 Datasheet
209Kb / 10P
N-CHANNEL MOS BROADBAND RF POWER FETs
MRF175LU MACOM-MRF175LU Datasheet
144Kb / 8P
N-CHANNEL BROADBAND RF POWER FETs
logo
M/A-COM Technology Solu...
MRF154 MA-COM-MRF154 Datasheet
293Kb / 9P
Broadband RF Power MOSFET Broadband RF Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com