Electronic Components Datasheet Search
  English  ▼

X  

MRF166C Datasheet(PDF) 5 Page - Motorola, Inc

Part # MRF166C
Description  MOSFET BROADBAND RF POWER FETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF166C Datasheet(HTML) 5 Page - Motorola, Inc

  MRF166C Datasheet HTML 1Page - Motorola, Inc MRF166C Datasheet HTML 2Page - Motorola, Inc MRF166C Datasheet HTML 3Page - Motorola, Inc MRF166C Datasheet HTML 4Page - Motorola, Inc MRF166C Datasheet HTML 5Page - Motorola, Inc MRF166C Datasheet HTML 6Page - Motorola, Inc MRF166C Datasheet HTML 7Page - Motorola, Inc MRF166C Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
MRF166 MRF166C
MOTOROLA RF DEVICE DATA
VDS, DRAIN–SOURCE (VOLTS)
35
30
25
20
15
10
5
0
0.8
Pin, INPUT POWER (WATTS)
Figure 8. Output Power versus Input Power
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
500 MHz
f = 400 MHz
VDS = 28 V
IDQ = 100 mA
16
14
12
10
8
6
4
2
0
0.8
Pin, INPUT POWER (WATTS)
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
f = 400 MHz
VDS = 13.5 V
IDQ = 100 mA
Figure 9. Output Power versus Input Power
32
28
24
20
16
12
8
4
0
28
Figure 10. Output Power versus Voltage
26
24
22
20
18
16
14
12
Pin = 0.8 W
0.4 W
0.2 W
f = 400 MHz
IDQ = 100 mA
MRF166C
Figure 11. Series Equivalent Input and Output Impedance
f = 500 MHz
400
400
ZOL*
Zin
VDD = 28 V, IDQ = 100 mA
Zo = 50 Ω
200
100
200
100
f = 500 MHz
ZOL* = Conjugate of the optimum load
impedance into which the device output
operates at a given output power, voltage and
frequency.
f
MHz
Zin
OHMS
ZOL*
OHMS
100
200
400
500
11.0 – j21.0
4.20 – j12.6
1.90 – j5.80
1.50 – j4.10
8.50 – j10.0
6.00 – j9.00
4.50 – j6.70
4.20 – j5.40
(Pout = 20 W)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com