Electronic Components Datasheet Search
  English  ▼

X  

HT66F0174 Datasheet(PDF) 41 Page - Holtek Semiconductor Inc

Part # HT66F0174
Description  Enhanced A/D Flash 8-Bit MCU
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F0174 Datasheet(HTML) 41 Page - Holtek Semiconductor Inc

Back Button HT66F0174 Datasheet HTML 37Page - Holtek Semiconductor Inc HT66F0174 Datasheet HTML 38Page - Holtek Semiconductor Inc HT66F0174 Datasheet HTML 39Page - Holtek Semiconductor Inc HT66F0174 Datasheet HTML 40Page - Holtek Semiconductor Inc HT66F0174 Datasheet HTML 41Page - Holtek Semiconductor Inc HT66F0174 Datasheet HTML 42Page - Holtek Semiconductor Inc HT66F0174 Datasheet HTML 43Page - Holtek Semiconductor Inc HT66F0174 Datasheet HTML 44Page - Holtek Semiconductor Inc HT66F0174 Datasheet HTML 45Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 115 page
background image
Rev. 1.00
40
���� 11� �01�
Rev. 1.00
41
���� 11� �01�
HT66F0172/HT66F0174
Enhanced A/D Flash 8-Bit MCU
WhentheHLCLKbitswitchestoalowlevel,whichimpliesthatclocksourceisswitchedfromthe
highspeedclocksource,fH,totheclocksource,fH/2~fH/64orfL.IftheclockisfromthefL,thehigh
speedclocksourcewillstoprunningtoconservepower.Whenthishappensitmustbenotedthatthe
fH/16andfH/64internalclocksourceswillalsostoprunning,whichmayaffecttheoperationofother
internalfunctionssuchastheTMs.Theaccompanyingflowchartshowswhathappenswhenthe
devicemovesbetweenthevariousoperatingmodes.
SL E EP0
HA LT i ns tr uc ti on i s ex ec ut ed
f SYS of f
CP U st op
ID LE N= 0
f TB C of f
f SU B of f
WD T & L VD o ff
NO RM AL
f SYS =f H ~f H /6 4
f H o n
CP U ru n
f SYS o n
f TB C o n
f SU B o n
ID LE 1
HA LT i ns tr uc ti on i s ex ec ut ed
CP U st op
ID LE N= 1
FS YS ON =1
f SYS o n
f TB C o n
f SU B on
ID LE 0
HA LT i ns tr uc ti on i s ex ec ut ed
CP U st op
ID LE N= 1
FS YS ON =0
f SYS o ff
f TB C o n
f SU B o n
SL OW
f SYS =f L
f L o n
CP U ru n
f SYS o n
f TB C o n
f SU B o n
f H o ff
SL E EP1
HA LT i ns tr uc ti on i s ex ec ut ed
f SYS o ff
CP U st op
ID LE N= 0
f TB C o ff
f SU B o n
WD T or L VD o n
NORMAL Mode to SLOW Mode Switching
WhenrunningintheNORMALMode,whichusesthehighspeedsystemoscillator,andtherefore
consumesmorepower,thesystemclockcanswitchtorunintheSLOWModebysettingthe
HLCLKbitto"0"andsettingtheCKS2~CKS0bitsto"000"or"001"intheSMODregister.This
willthenusethelowspeedsystemoscillatorwhichwillconsumelesspower.Usersmaydecideto
dothisforcertainoperationswhichdonotrequirehighperformanceandcansubsequentlyreduce
powerconsumption.
TheSLOWModeissourcedfromtheLIRCortheLXToscillatorandthereforerequiresthese
oscillatorstobestablebeforefullmodeswitchingoccurs.ThisismonitoredusingtheLTObitinthe
SMODregister.
SLOW Mode to NORMAL Mode Switching
InSLOWModethesystemuseseithertheLXTorLIRClowspeedsystemoscillator.Toswitch
backtotheNORMALMode,wherethehighspeedsystemoscillatorisused,theHLCLKbitshould
besetto"1"orHLCLKbitis"0",butCKS2~CKS0issetto"010","011","100","101","110"or
"111".Asacertainamountoftimewillberequiredforthehighfrequencyclocktostabilise,the
statusoftheHTObitischecked.Theamountoftimerequiredforhighspeedsystemoscillator
stabilizationdependsuponwhichhighspeedsystemoscillatortypeisused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com