Electronic Components Datasheet Search
  English  ▼

X  

GD82559C Datasheet(PDF) 11 Page - Intel Corporation

Part # GD82559C
Description  Intel-Based Electronic Classroom Student Computing Station Based on the Intel짰 Celeron??Processor and Intel짰 810 Chipset
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GD82559C Datasheet(HTML) 11 Page - Intel Corporation

Back Button GD82559C Datasheet HTML 7Page - Intel Corporation GD82559C Datasheet HTML 8Page - Intel Corporation GD82559C Datasheet HTML 9Page - Intel Corporation GD82559C Datasheet HTML 10Page - Intel Corporation GD82559C Datasheet HTML 11Page - Intel Corporation GD82559C Datasheet HTML 12Page - Intel Corporation GD82559C Datasheet HTML 13Page - Intel Corporation GD82559C Datasheet HTML 14Page - Intel Corporation GD82559C Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
Intel-Based Electronic Classroom Student Computing Station
Application Note
11
4.0
Recommended Motherboard Configuration for
Intel-Based Electronic Classroom Student
Computing Stations
The motherboard of this reference design for Intel-based electronic classroom student computing
stations is a highly integrated design that incorporates many features on the board. It is
recommended that system designers use an LPX form factor or Flex ATX design. The LPX form
factor enables the student computing stations to have a very slim casing, which is desirable for
small Intel-based electronic classroom environments. Flex ATX helps reduce board size and cost.
The components listed below provide an example of a motherboard design based on the Celeron
processor and Intel 810 chipset.
Main Components of Reference Motherboard for the Intel-Based Electronic Classroom
Student Computing Station:
• Intel® Celeron™ processor 300A/366/433 MHz in 370-pin PPGA
• Intel® 810 Chipset
• Two DIMM sockets that support up to 512 Mbyte (128 Mbit technology) SDRAM
• Two IDE interfaces
• One floppy disk interface
• COM 1 and COM 2 serials ports and a parallel port
• PS/2 mouse and keyboard connectors
• Intel® Flash BIOS
• Super I/O* and USB ports
• 1 X PCI 2.2-compliant PCI slot
Peripherals on Intel-Based Electronic Classroom Student Computing Station:
Integrated audio in chipset
• Audio Codec ’97 2.1 extensions compliant
• Stereo line level output
• One audio out, audio in, and MIC jack
Integrated Graphics
• 3-D graphics with texturing and visual enhancements up to 1024x768x16 @85 Hz refresh
• 2-D graphics up to 1600x1200x8 @85 Hz refresh
• RGB output
PCI-based 10/100 Mbps Network card
• Intel® 82559-based card recommended
• One RJ-45 port
• Boot ROM which contains Intel® Preboot Execution Environment (PXE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com