Electronic Components Datasheet Search
  English  ▼

X  

GD82559C Datasheet(PDF) 13 Page - Intel Corporation

Part # GD82559C
Description  Intel-Based Electronic Classroom Student Computing Station Based on the Intel짰 Celeron??Processor and Intel짰 810 Chipset
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GD82559C Datasheet(HTML) 13 Page - Intel Corporation

Back Button GD82559C Datasheet HTML 9Page - Intel Corporation GD82559C Datasheet HTML 10Page - Intel Corporation GD82559C Datasheet HTML 11Page - Intel Corporation GD82559C Datasheet HTML 12Page - Intel Corporation GD82559C Datasheet HTML 13Page - Intel Corporation GD82559C Datasheet HTML 14Page - Intel Corporation GD82559C Datasheet HTML 15Page - Intel Corporation GD82559C Datasheet HTML 16Page - Intel Corporation GD82559C Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
Intel-Based Electronic Classroom Student Computing Station
Application Note
13
5.0
Design Consideration of Intel-Based Electronic
Classroom Student Computing Station Hardware
5.1
Intel® Celeron™ Processor
This reference configuration supports the Intel Celeron processor at 300, 366 MHz and 433 MHz
in a Plastic PinGridArray(PPGA) package.
The Intel Celeron processor PPGA package implements a Dynamic Execution micro-architecture
and executes MMX™ media technology instructions for enhanced media and communication
performance. The Intel Celeron processor PPGA is based on the P6 family processor core and is
provided in a PPGA package for use in low cost systems in the value PC and Intel-based electronic
classroom student computing station market segments. The Intel Celeron processor PPGA utilizes
the AGTL+ system bus used by the Pentium
® II processor with support limited to single-processor
systems. The Intel Celeron processor PPGA includes an integrated 128 Kbyte second level cache
with separate 16 Kbyte instruction and 16 Kbyte data level-one caches. The second level cache is
capable of caching 4 Gbytes of system memory.
5.1.1
Design Notes for the Intel® Celeron™ Processor
The schematics use a Single Ended Termination (SET) network topology in which the termination
resistors are located at only the PPGA (processor) side to reduce the system cost, solution space,
and ringing effect. In the SET topology, the termination should be placed close to the processor
either on the motherboard or on the processor substrate. No termination is present at the chipset end
of the network.
Figure 3.
Topology for Single Processor Designs with Single End Termination (SET)
A7494-01
†
- 1.9" <L1 <5.0"
††
- 0.5" <L2 <2.0"
L2††
L1†
VTT
Intel® 810
Chipset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com