Electronic Components Datasheet Search
  English  ▼

X  

GD82559C Datasheet(PDF) 21 Page - Intel Corporation

Part # GD82559C
Description  Intel-Based Electronic Classroom Student Computing Station Based on the Intel짰 Celeron??Processor and Intel짰 810 Chipset
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GD82559C Datasheet(HTML) 21 Page - Intel Corporation

Back Button GD82559C Datasheet HTML 17Page - Intel Corporation GD82559C Datasheet HTML 18Page - Intel Corporation GD82559C Datasheet HTML 19Page - Intel Corporation GD82559C Datasheet HTML 20Page - Intel Corporation GD82559C Datasheet HTML 21Page - Intel Corporation GD82559C Datasheet HTML 22Page - Intel Corporation GD82559C Datasheet HTML 23Page - Intel Corporation GD82559C Datasheet HTML 24Page - Intel Corporation GD82559C Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
Intel-Based Electronic Classroom Student Computing Station
Application Note
21
5.7.2
Wired for Management
Wired for Management (WfM) is an Intel initiative to improve the manageability of desktop,
mobile, server and embedded systems. The goal of WfM is to reduce the total cost of ownership
(TCO) through improved manageability in the following four technology areas:
• Instrumentation
• Remote Service Boot
• Remote Wake-Up
• Power Management
Manageability features in each of these four technology areas combine to form the Wired for
Management Baseline Specification. A copy of the Wired for Management Baseline Specification,
Version 2.0 can be obtained from:
http://developer.intel.com/ial/wfm/wfmspecs.htm
An on-line Design Guide is available at:
http://developer.intel.com/ial/WfM/design/index.htm
Future versions of the specification will be available at this site.
In the Intel-based electronic classroom reference configuration, the NIC is WfM compliant,
particularly in the Remote Service Boot features needed to support the student computing stations’
remote boot from the server.
5.7.2.1
Instrumentation
A component's instrumentation consists of code that maintains attributes with up-to-the-minute
values and adjusts the component's operational characteristics based on these values. By providing
instrumentation, the platform provides accurate data to management applications, so those
applications can make the best decisions for managing a system or product. The WfM 2.0 Baseline
requires that compliant desktop and mobile platforms utilize the DMI Version 2.00 Management
Interface (MI) and Component Interface (CI) application programming interfaces and host a DMI
v2.00 Service Provider, as defined by the DMTF. Intel's DMI 2.0 Service Provider Software
Development Kit (SDK) provides a DMI Service Provider and binaries that support DMI Version
2.00. This kit is available at the following URL:
http://developer.intel.com/ial/WfM/tools/sdk/index.htm
Intel
® LANDesk® Client Manager product includes the Service Provider and component
instrumentation. Information regarding this product can be found at:
http://developer.intel.com/ial/WfM/tools/ldcm/index.htm
The WfM Baseline Instrumentation specification identifies specific DMI standard groups,
including event generation groups, that must be instrumented for a Baseline-compliant platform.
This specification provides support for the SMBIOS revision 2.0 specification that along with
appropriate component instrumentation will supply some of the required data in the specified
DMI 2.0 groups.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com