Electronic Components Datasheet Search
  English  ▼

X  

L9952GXPTR Datasheet(PDF) 9 Page - STMicroelectronics

Part # L9952GXPTR
Description  Power management system IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9952GXPTR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L9952GXPTR Datasheet HTML 5Page - STMicroelectronics L9952GXPTR Datasheet HTML 6Page - STMicroelectronics L9952GXPTR Datasheet HTML 7Page - STMicroelectronics L9952GXPTR Datasheet HTML 8Page - STMicroelectronics L9952GXPTR Datasheet HTML 9Page - STMicroelectronics L9952GXPTR Datasheet HTML 10Page - STMicroelectronics L9952GXPTR Datasheet HTML 11Page - STMicroelectronics L9952GXPTR Datasheet HTML 12Page - STMicroelectronics L9952GXPTR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
L9952GXP
Pin definitions and functions
Doc ID 13518 Rev 5
9/68
TxD
7
Transmitter input of the LIN 2.1 transceiver
OP2+
8
Non inverting input of operational sense amplifier
OP2-
9
Inverting input of operational sense amplifier
OP2OUT
10
Output of operational sense amplifier
DI
11
SPI : serial data input
DO
12
SPI : serial data output
CLK
13
SPI : serial clock input
CSN
14
SPI : chip select not input
PWM1
15
Pulse width modulation input
PWM2
16
Pulse width modulation input
Dig_Out3
17
Digital output
Dig_Out4/INT
18
Digital output (configurable as Interrupt Output)
Wu4..1
19 to 22
Wake-up input: input pins for static or cyclic monitoring of external
contacts
OP1OUT
23
Output of operational sense amplifier
OP1-
24
Inverting input of operational sense amplifier
OP1+
25
Non inverting input of operational sense amplifier
Out4..1
26 to 29
High side driver (7
Ω, typ.) - to supply e.g. LED’ s, HALL sensors or
external contacts
Out_HS
30
High side drivers (1
Ω, typ.) - to supply e.g. LED’ s, Bulbs, HALL
sensors or external contacts
Vs
31
Power supply voltage
LINPU
32
LIN master pull up
LIN
33
LIN bus line
Rel1
34
Low side driver (2
Ω, typ.) - e.g. relay
Rel2
35
Low side driver (2
Ω, typ.) - e.g. relay
FSO
36
Fail safe output - used to supervise or control applications in case of
watchdog and/or V1 under-voltage failure (e.g. to activate
emergency lights)
Table 2.
Pins definitions and functions (continued)
Pin
name
PowerSS0-36
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com