Electronic Components Datasheet Search
  English  ▼

X  

L9952GXPTR Datasheet(PDF) 20 Page - STMicroelectronics

Part # L9952GXPTR
Description  Power management system IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9952GXPTR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L9952GXPTR Datasheet HTML 16Page - STMicroelectronics L9952GXPTR Datasheet HTML 17Page - STMicroelectronics L9952GXPTR Datasheet HTML 18Page - STMicroelectronics L9952GXPTR Datasheet HTML 19Page - STMicroelectronics L9952GXPTR Datasheet HTML 20Page - STMicroelectronics L9952GXPTR Datasheet HTML 21Page - STMicroelectronics L9952GXPTR Datasheet HTML 22Page - STMicroelectronics L9952GXPTR Datasheet HTML 23Page - STMicroelectronics L9952GXPTR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 68 page
background image
Description
L9952GXP
20/68
Doc ID 13518 Rev 5
2.12
V1, V2 fail
The V1, and V2 regulator output voltages are monitored.
In case of a drop below the V1, V2 – fail thresholds (V1,2 < 2V,typ for t > 2us), the V1,2 - fail
bits are latched. The fail bits are cleared by a dedicated SPI command.
If 4ms after turn on of the regulator the V1,2 voltage is below the V1,2 fail thresholds,
(independent for V1,2 ), the L9952GXP will identify a short circuit condition at the related
regulator output and the regulator will be switched off.
In case of a V1 failure the device enters VBAT - standby mode automatically.
In case of a V2 failure the SHT5V2 bit (SR0 Bit12) is set.
2.13
Low side driver outputs Rel1, Rel2
The outputs Rel1, Rel2 (RDSon = 2 Ω typ. @25 °C) are specially designed to drive relay
loads.
Typical relays used have the following characteristics:
Relay type 1:
closed armature: R = 160
Ω +10%, L= 300mH
open armature: R = 160
Ω +10%, L= 240mH
Relay type 2:
closed armature: R= 220
Ω +10%, L= 420mH
open armature: R= 220
Ω +10%, L= 330mH
The outputs provide an active output zener clamping (40V) feature for the demagnetisation
of the relay coil, even though a load dump condition exists. In case of watchdog failure the
relay drivers will be switched off and the low side driver control bits are cleared.
Note:
1
Due to relays bouncing, high dV/dt and/or dI/dt transients may occur on the low side driver
outputs. In case high currents are switched (for example window lift motor), due to parasitic
capacitive inductive coupling from load side of relays to the relays coils, the Absolute
Maximum Ratings of the Low Side driver outputs may be exceeded. In order to avoid this, it
is recommended to place a 10nF capacitor at the Rel1, Rel2 outputs to GND.
2
If a hard short circuit to VBAT is possible at the "Low Side Driver" outputs, an RC network is
required with TRC > 1µs, R ≥ 1 Ω (see block diagram, the value is given for an output short
circuit of given di/dt = 5A/µs).
2.14
PWM inputs
The inputs PWM 1,2 can be used to control the output drivers Out1..4 and OUT_HS with a
PWM signal. Each PWM input can be mapped individually to each of the above listed
outputs according to the SPI settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com