Electronic Components Datasheet Search
  English  ▼

X  

PCA9537DP Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA9537DP
Description  4-bit I2C-bus and SMBus low power I/O port with interrupt and reset
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9537DP Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA9537DP Datasheet HTML 1Page - NXP Semiconductors PCA9537DP Datasheet HTML 2Page - NXP Semiconductors PCA9537DP Datasheet HTML 3Page - NXP Semiconductors PCA9537DP Datasheet HTML 4Page - NXP Semiconductors PCA9537DP Datasheet HTML 5Page - NXP Semiconductors PCA9537DP Datasheet HTML 6Page - NXP Semiconductors PCA9537DP Datasheet HTML 7Page - NXP Semiconductors PCA9537DP Datasheet HTML 8Page - NXP Semiconductors PCA9537DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
PCA9537_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 7 May 2009
5 of 24
NXP Semiconductors
PCA9537
4-bit I2C-bus and SMBus low power I/O port with interrupt and reset
6.2.3 Register 1 - Output Port register
This register reflects the outgoing logic levels of the pins defined as outputs by Register 3.
Bit values in this register have no effect on pins defined as inputs. Reads from this register
return the value that is in the flip-flop controlling the output selection, not the actual pin
value.
6.2.4 Register 2 - Polarity Inversion register
This register allows the user to invert the polarity of the Input Port register data. If a bit in
this register is set (written with 1), the corresponding Input Port data is inverted. If a bit in
this register is cleared (written with a 0), the Input Port data polarity is retained.
Table 5.
Register 1 - Output Port register bit description
Legend: * default value.
Bit
Symbol
Access
Value
Description
7
O7
R
1*
not used
6O6
R
1*
5O5
R
1*
4O4
R
1*
3
O3
R
1*
reflects outgoing logic levels of pins defined as outputs
by Register 3
2O2
R
1*
1O1
R
1*
0O0
R
1*
Table 6.
Register 2 - Polarity Inversion register bit description
Legend: * default value.
Bit
Symbol
Access
Value
Description
7
N7
R/W
0*
not used
6
N6
R/W
0*
5
N5
R/W
0*
4
N4
R/W
0*
3
N3
R/W
0*
inverts polarity of Input Port register data
0 = Input Port register data retained (default value)
1 = Input Port register data inverted
2
N2
R/W
0*
1
N1
R/W
0*
0
N0
R/W
0*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com