Electronic Components Datasheet Search
  English  ▼

X  

PCA9537DP Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCA9537DP
Description  4-bit I2C-bus and SMBus low power I/O port with interrupt and reset
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9537DP Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCA9537DP Datasheet HTML 6Page - NXP Semiconductors PCA9537DP Datasheet HTML 7Page - NXP Semiconductors PCA9537DP Datasheet HTML 8Page - NXP Semiconductors PCA9537DP Datasheet HTML 9Page - NXP Semiconductors PCA9537DP Datasheet HTML 10Page - NXP Semiconductors PCA9537DP Datasheet HTML 11Page - NXP Semiconductors PCA9537DP Datasheet HTML 12Page - NXP Semiconductors PCA9537DP Datasheet HTML 13Page - NXP Semiconductors PCA9537DP Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
PCA9537_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 7 May 2009
10 of 24
NXP Semiconductors
PCA9537
4-bit I2C-bus and SMBus low power I/O port with interrupt and reset
7.
Application design-in information
7.1 Minimizing IDD when the I/Os are used to control LEDs
When the I/Os are used to control LEDs, they are normally connected to VDD through a
resistor as shown in Figure 9. Since the LED acts as a diode, when the LED is off the I/O
VI is about 1.2 V less than VDD. The supply current, IDD, increases as VI becomes lower
than VDD.
Designs needing to minimize current consumption, such as battery power applications,
should consider maintaining the I/O pins greater than or equal to VDD when the LED is off.
Figure 10 shows a high value resistor in parallel with the LED. Figure 11 shows VDD less
than the LED supply voltage by at least 1.2 V. Both of these methods maintain the I/O VI
at or above VDD and prevents additional supply current consumption when the LED is off.
Device address is 1001 001x for this example.
IO0, IO2, IO3 configured as outputs.
IO1 configured as input.
Fig 9.
Typical application
PCA9537
IO0
IO1
SCL
SDA
VDD
(5 V)
MASTER
CONTROLLER
SCL
SDA
INT
IO2
VDD
VDD
VSS
INT
10 k
Ω
SUB-SYSTEM 1
(e.g., temp sensor)
IO3
INT
SUB-SYSTEM 2
(e.g., counter)
RESET
controlled
switch
(e.g., CBT device)
A
B
enable
VSS
002aae640
10 k
Ω
10 k
Ω
2 k
Ω
100 k
Ω
RESET
RESET
10 k
Ω
Fig 10. High value resistor in parallel with
the LED
Fig 11. Device supplied by a lower voltage
002aac660
LED
VDD
IOn
100 k
Ω
VDD
002aac661
LED
VDD
IOn
3.3 V
5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com