Electronic Components Datasheet Search
  English  ▼

X  

PCA9537DP Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA9537DP
Description  4-bit I2C-bus and SMBus low power I/O port with interrupt and reset
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9537DP Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA9537DP Datasheet HTML 2Page - NXP Semiconductors PCA9537DP Datasheet HTML 3Page - NXP Semiconductors PCA9537DP Datasheet HTML 4Page - NXP Semiconductors PCA9537DP Datasheet HTML 5Page - NXP Semiconductors PCA9537DP Datasheet HTML 6Page - NXP Semiconductors PCA9537DP Datasheet HTML 7Page - NXP Semiconductors PCA9537DP Datasheet HTML 8Page - NXP Semiconductors PCA9537DP Datasheet HTML 9Page - NXP Semiconductors PCA9537DP Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
PCA9537_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 7 May 2009
6 of 24
NXP Semiconductors
PCA9537
4-bit I2C-bus and SMBus low power I/O port with interrupt and reset
6.2.5 Register 3 - Configuration register
This register configures the directions of the I/O pins. If a bit in this register is set, the
corresponding port pin is enabled as an input with high-impedance output driver. If a bit in
this register is cleared, the corresponding port pin is enabled as an output. At reset, the
I/Os are configured as inputs.
6.3 Power-on reset
When power is applied to VDD, an internal Power-On Reset (POR) holds the PCA9537 in
a reset condition until VDD has reached VPOR. At that point, the reset condition is released
and the PCA9537 registers and state machine will initialize to their default states.
Thereafter, VDD must be lowered below 0.2 V to reset the device.
For a power reset cycle, VDD must be lowered below 0.2 V and then restored to the
operating voltage.
6.4 RESET input
A reset can be accomplished by holding the RESET pin LOW for a minimum of tw(rst).
The PCA9537 registers and SMBus/I2C-bus state machine will be held in their default
state until the RESET input is once again HIGH. This input requires a pull-up resistor to
VDD if no active connection is used.
6.5 Interrupt output
The open-drain interrupt output (INT) is activated when one of the port pins changes state
and the pin is configured as an input. The interrupt is de-activated when the input returns
to its previous state or the Input Port register is read.
Note that changing an I/O from an output to an input may cause a false interrupt to occur
if the state of the pin does not match the contents of the Input Port register.
Table 7.
Register 3 - Configuration register bit description
Legend: * default value.
Bit
Symbol
Access
Value
Description
7
C7
R/W
1*
not used
6
C6
R/W
1*
5
C5
R/W
1*
4
C4
R/W
1*
3
C3
R/W
1*
configures the directions of the I/O pins
0 = corresponding port pin enabled as an output
1 = corresponding port pin configured as an input
(default value)
2
C2
R/W
1*
1
C1
R/W
1*
0
C0
R/W
1*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com