Electronic Components Datasheet Search
  English  ▼

X  

EVAL-AD5933EB Datasheet(PDF) 13 Page - Analog Devices

Part # EVAL-AD5933EB
Description  1 MSPS, 12-Bit Impedance Converter, Network Analyzer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5933EB Datasheet(HTML) 13 Page - Analog Devices

Back Button EVAL-AD5933EB Datasheet HTML 9Page - Analog Devices EVAL-AD5933EB Datasheet HTML 10Page - Analog Devices EVAL-AD5933EB Datasheet HTML 11Page - Analog Devices EVAL-AD5933EB Datasheet HTML 12Page - Analog Devices EVAL-AD5933EB Datasheet HTML 13Page - Analog Devices EVAL-AD5933EB Datasheet HTML 14Page - Analog Devices EVAL-AD5933EB Datasheet HTML 15Page - Analog Devices EVAL-AD5933EB Datasheet HTML 16Page - Analog Devices EVAL-AD5933EB Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
Data Sheet
AD5933
Rev. E | Page 13 of 40
SYSTEM DESCRIPTION
ADC
(12 BITS)
VDD/2
DDS
CORE
(27 BITS)
DAC
Z(ω)
I2C
INTERFACE
IMAGINARY
REGISTER
REAL
REGISTER
MAC CORE
(1024 DFT)
LPF
SCL
SDA
MCLK
ROUT
VOUT
AD5933
RFB
VIN
PROGRAMMABLE
GAIN AMPLIFIER
×5
×1
WINDOWING
OF DATA
COS
SIN
MICROCONTROLLER
MCLK
TEMPERATURE
SENSOR
OSCILLATOR
Figure 17. Block Overview
The AD5933 is a high precision impedance converter system
solution that combines an on-board frequency generator with a
12-bit, 1 MSPS ADC. The frequency generator allows an external
complex impedance to be excited with a known frequency. The
response signal from the impedance is sampled by the on-board
ADC and DFT processed by an on-board DSP engine. The DFT
algorithm returns both a real (R) and imaginary (I) data-word at
each frequency point along the sweep. The impedance magnitude
and phase are easily calculated using the following equations:
2
2
I
R
Magnitude
+
=
Phase = tan−1(I/R)
To characterize an impedance profile Z(ω), generally a frequency
sweep is required, like that shown in Figure 18.
FREQUENCY
Figure 18. Impedance vs. Frequency Profile
The AD5933 permits the user to perform a frequency sweep with
a user-defined start frequency, frequency resolution, and number
of points in the sweep. In addition, the device allows the user to
program the peak-to-peak value of the output sinusoidal signal as
an excitation to the external unknown impedance connected
between the VOUT and VIN pins.
Table 5 gives the four possible output peak-to-peak voltages and
the corresponding dc bias levels for each range for 3.3 V. These
values are ratiometric with VDD. So for a 5 V supply
p
p
V
3
3
.
3
0
.
5
98
.
1
−
=
×
=
1
Range
for
Voltage
Excitation
Output
p
p
V
24
.
2
3
.
3
0
.
5
48
.
1
−
=
×
=
1
Range
for
Voltage
Bias
DC
Output
Table 5. Voltage Levels Respective Bias Levels for 3.3 V
Range
Output Excitation
Voltage Amplitude
Output DC Bias Level
1
1.98 V p-p
1.48 V
2
0.97 V p-p
0.76 V
3
383 mV p-p
0.31 V
4
198 mV p-p
0.173 V
The excitation signal for the transmit stage is provided on-chip
using DDS techniques that permit subhertz resolution. The receive
stage receives the input signal current from the unknown impedance,
performs signal processing, and digitizes the result. The clock for
the DDS is generated from either an external reference clock,
which is provided by the user at MCLK, or by the internal
oscillator. The clock for the DDS is determined by the status of
Bit D3 in the control register (see Register Address 0x81 in the
Register Map section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com