Electronic Components Datasheet Search
  English  ▼

X  

EVAL-AD5933EB Datasheet(PDF) 20 Page - Analog Devices

Part # EVAL-AD5933EB
Description  1 MSPS, 12-Bit Impedance Converter, Network Analyzer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5933EB Datasheet(HTML) 20 Page - Analog Devices

Back Button EVAL-AD5933EB Datasheet HTML 16Page - Analog Devices EVAL-AD5933EB Datasheet HTML 17Page - Analog Devices EVAL-AD5933EB Datasheet HTML 18Page - Analog Devices EVAL-AD5933EB Datasheet HTML 19Page - Analog Devices EVAL-AD5933EB Datasheet HTML 20Page - Analog Devices EVAL-AD5933EB Datasheet HTML 21Page - Analog Devices EVAL-AD5933EB Datasheet HTML 22Page - Analog Devices EVAL-AD5933EB Datasheet HTML 23Page - Analog Devices EVAL-AD5933EB Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
AD5933
Data Sheet
Rev. E | Page 20 of 40
new phase (including the phase due to the impedance) using
the same formula. The phase of the unknown impedance (ZØ)
is given by the following formula:
)
(
Ø
system
unknown
Z
∇
−
Φ
=
where:
system
∇
is the phase of the system with a calibration resistor
connected between VIN and VOUT.
Φunknown is the phase of the system with the unknown
impedance connected between VIN and VOUT.
ZØ is the phase due to the impedance, that is, the impedance
phase.
Note that it is possible to calculate the gain factor and to
calibrate the system phase using the same real and imaginary
component values when a resistor is connected between the
VOUT and VIN pins of the AD5933, for example, measuring
the impedance phase (ZØ) of a capacitor.
The excitation signal current leads the excitation signal voltage
across a capacitor by −90 degrees. Therefore, an approximate
−90 degree phase difference exists between the system phase
responses measured with a resistor and that of the system phase
responses measured with a capacitive impedance.
As previously outlined, if the user would like to determine the
phase angle of capacitive impedance (ZØ), the user first has to
determine the system phase response ( system
∇
) and subtract
this from the phase calculated with the capacitor connected
between VOUT and VIN (Φunknown).
A plot showing the AD5933 system phase response calculated
using a 220 kΩ calibration resistor (RFB = 220 kΩ, PGA = ×1)
and the repeated phase measurement with a 10 pF capacitive
impedance is shown in Figure 26.
One important point to note about the phase formula used to
plot Figure 26 is that it uses the arctangent function that returns
a phase angle in radians and, therefore, it is necessary to convert
from radians to degrees.
200
180
160
140
120
100
80
60
40
20
0
0
15k
30k
45k
60k
75k
90k
105k
120k
FREQUENCY (Hz)
220kΩ RESISTOR
10pF CAPACITOR
Figure 26. System Phase Response vs. Capacitive Phase
The phase difference (that is, ZØ) between the phase response
of a capacitor and the system phase response using a resistor is
the impedance phase of the capacitor, ZØ (see Figure 27).
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
15k
30k
45k
60k
75k
90k
105k
120k
FREQUENCY (Hz)
Figure 27. Phase Response of a Capacitor
Also when using the real and imaginary values to interpret
the phase at each measurement point, take care when using
the arctangent formula. The arctangent function returns the
correct standard phase angle only when the sign of the real and
imaginary values are positive, that is, when the coordinates lie
in the first quadrant. The standard angle is the angle taken
counterclockwise from the positive real x-axis. If the sign of the
real component is positive and the sign of the imaginary
component is negative, that is, the data lies in the second
quadrant, then the arctangent formula returns a negative angle
and it is necessary to add a further 180 degrees to calculate the
correct standard angle. Likewise, when the real and imaginary
components are both negative, that is, when the coordinates lie
in the third quadrant, then the arctangent formula returns a
positive angle and it is necessary to add 180 degrees from the
angle to return the correct standard phase. Finally, when the
real component is positive and the imaginary component is
negative, that is, the data lies in the fourth quadrant, then the
arctangent formula returns a negative angle. It is necessary to
add 360 degrees to the angle to calculate the correct phase
angle.
Therefore, the correct standard phase angle is dependent upon
the sign of the real and imaginary component and is summa-
rized in Table 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com