Electronic Components Datasheet Search
  English  ▼

X  

EVAL-AD5933EB Datasheet(PDF) 2 Page - Analog Devices

Part # EVAL-AD5933EB
Description  1 MSPS, 12-Bit Impedance Converter, Network Analyzer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5933EB Datasheet(HTML) 2 Page - Analog Devices

  EVAL-AD5933EB Datasheet HTML 1Page - Analog Devices EVAL-AD5933EB Datasheet HTML 2Page - Analog Devices EVAL-AD5933EB Datasheet HTML 3Page - Analog Devices EVAL-AD5933EB Datasheet HTML 4Page - Analog Devices EVAL-AD5933EB Datasheet HTML 5Page - Analog Devices EVAL-AD5933EB Datasheet HTML 6Page - Analog Devices EVAL-AD5933EB Datasheet HTML 7Page - Analog Devices EVAL-AD5933EB Datasheet HTML 8Page - Analog Devices EVAL-AD5933EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
AD5933
Data Sheet
Rev. E | Page 2 of 40
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagram .............................................................. 1
Revision History ............................................................................... 3
Specifications..................................................................................... 4
I2C Serial Interface Timing Characteristics .............................. 6
Absolute Maximum Ratings............................................................ 7
ESD Caution.................................................................................. 7
Pin Configuration and Descriptions.............................................. 8
Typical Performance Characteristics ............................................. 9
Terminology .................................................................................... 12
System Description......................................................................... 13
Transmit Stage............................................................................. 14
Frequency Sweep Command Sequence................................... 15
Receive Stage ............................................................................... 15
DFT Operation ........................................................................... 15
System Clock............................................................................... 16
Temperature Sensor ................................................................... 16
Temperature Conversion Details.............................................. 16
Temperature Value Register ...................................................... 16
Temperature Conversion Formula........................................... 16
Impedance Calculation.................................................................. 17
Magnitude Calculation .............................................................. 17
Gain Factor Calculation ............................................................ 17
Impedance Calculation Using Gain Factor............................. 17
Gain Factor Variation with Frequency .................................... 17
Two-Point Calibration ............................................................... 18
Two-Point Gain Factor Calculation......................................... 18
Gain Factor Setup Configuration............................................. 18
Gain Factor Recalculation......................................................... 18
Gain Factor Temperature Variation ......................................... 19
Impedance Error......................................................................... 19
Measuring the Phase Across an Impedance ........................... 19
Performing a Frequency Sweep .................................................... 22
Register Map ................................................................................... 23
Control Register (Register Address 0x80, Register Address
0x81)............................................................................................. 23
Start Frequency Register (Register Address 0x82, Register
Address 0x83, Register Address 0x84) .................................... 24
Frequency Increment Register (Register Address 0x85,
Register Address 0x86, Register Address 0x87) ..................... 25
Number of Increments Register (Register Address 0x88,
Register Address 0x89) .............................................................. 25
Number of Settling Time Cycles Register (Register Address
0x8A, Register Address 0x8B) ................................................. 25
Status Register (Register Address 0x8F).................................. 26
Temperature Data Register (16 Bits—Register Address 0x92,
Register Address 0x93) .............................................................. 26
Real and Imaginary Data Registers (16 Bits—Register
Address 0x94, Register Address 0x95, Register Address 0x96,
Register Address 0x97) .............................................................. 26
Serial Bus Interface......................................................................... 27
General I2C Timing.................................................................... 27
Writing/Reading to the AD5933 .............................................. 28
Block Write.................................................................................. 28
Read Operations......................................................................... 29
Typical Applications....................................................................... 30
Measuring Small Impedances................................................... 30
Biomedical: Noninvasive Blood Impedance Measurement.. 32
Sensor/Complex Impedance Measurement............................ 32
Electro-Impedance Spectroscopy............................................. 33
Layout and Configuration............................................................. 34
Power Supply Bypassing and Grounding................................ 34
Evaluation Board ............................................................................ 35
Using the Evaluation Board ...................................................... 35
Prototyping Area ........................................................................ 35
Crystal Oscillator (XO) vs. External Clock............................. 35
Schematics................................................................................... 36
Outline Dimensions....................................................................... 40
Ordering Guide .......................................................................... 40
Automotive Products................................................................. 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com