Electronic Components Datasheet Search
  English  ▼

X  

IXRH40N120 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXRH40N120
Description  IGBT with Reverse Blocking capability
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXRH40N120 Datasheet(HTML) 3 Page - IXYS Corporation

  IXRH40N120 Datasheet HTML 1Page - IXYS Corporation IXRH40N120 Datasheet HTML 2Page - IXYS Corporation IXRH40N120 Datasheet HTML 3Page - IXYS Corporation IXRH40N120 Datasheet HTML 4Page - IXYS Corporation IXRH40N120 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3 - 5
© 2005 IXYS All rights reserved
IXYS reserves the right to change limits, test conditions and dimensions.
IXRH 40N120
T
VJ
-50
-25
0
255075
100 125 150
0
1
2
3
4
5
V
CE
02468
0
10
20
30
40
50
60
70
02468
0
10
20
30
40
50
60
70
9 V
T
J = 25°C
V
GE =
19 V
T
J = 125°C
11 V
V
GE
56
78
9
10
11
12
13
0
10
20
30
40
50
60
70
80
90
9 V
17 V
15 V
13 V
T
J = 125°C
T
J = 25°C
T
J = -40°C
I
C = 70 A
I
C = 35 A
I
C = 17.5 A
V
GE = 19 V
17 V
15 V
13 V
11 V
V
A
A
V
CE
V
A
V
°C
V
V
CE = 20 V
0
10203040506070
0
3
6
9
12
15
0
70
140
210
280
350
0
102030
405060
70
0
1
2
3
0
80
160
240
E
on
t
d(on)
t
r
E
off
t
d(off)
t
f
I
C
A
I
C
A
E
off
E
on
t
t
mJ
ns
ns
mJ
V
CE = 600 V
V
GE = ±15 V
R
G = 15 Ω
T
J
= 125°C
V
CE = 600 V
V
GE = ±15 V
R
G = 15 Ω
T
J
= 125°C
V
GE = 15 V
Fig. 1 Typical output characteristics
Fig. 2 Typical output characteristics
Fig. 3 Typical transfer characteristics
Fig. 4 Typ. collector emitter saturation
as a function of case temperature
Fig. 5 Typ. turn on energy and switching times
vs. collector current, inductive switching
with ext. free wheeling diode (Fig. 17)
Fig. 6 Typ. turn off energy and switching times vs.
collector current, inductive switching
with ext. free wheeling diode (Fig. 17)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com