Electronic Components Datasheet Search
  English  ▼

X  

IXRH40N120 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXRH40N120
Description  IGBT with Reverse Blocking capability
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXRH40N120 Datasheet(HTML) 4 Page - IXYS Corporation

  IXRH40N120 Datasheet HTML 1Page - IXYS Corporation IXRH40N120 Datasheet HTML 2Page - IXYS Corporation IXRH40N120 Datasheet HTML 3Page - IXYS Corporation IXRH40N120 Datasheet HTML 4Page - IXYS Corporation IXRH40N120 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4 - 5
© 2005 IXYS All rights reserved
IXYS reserves the right to change limits, test conditions and dimensions.
IXRH 40N120
E
on
t
d(on)
t
r
E
off
t
d(off)
t
f
R
G
Ω
R
G
Ω
E
on
mJ
E
off
t
ns
t
0
20406080
100
0
1
2
3
4
0
200
400
600
800
0
204060
80
100
0
2
4
6
8
10
12
14
0
20
40
60
80
100
120
140
0
204060
80
0
1
2
3
0
300
600
900
E
on
t
d(on)
t
r
E
off
t
d(off)
t
f
R
G
R
G
E
on
mJ
E
off
t
ns
t
V
CE = 600 V
V
GE = ±15 V
I
C
= 35 A
T
J
= 125°C
0
20406080
100
0
5
10
15
20
25
30
0
25
50
75
100
125
150
0
204060
80
0
10
20
30
40
50
0
30
60
90
120
150
E
on
t
d(on)
t
r
I
C
A
E
on
E
recint
t
ns
V
CE = 600 V
V
GE = ±15 V
R
G
= 15
Ω
T
J
= 125°C
E
rec int
0
204060
80
100
0
2
4
6
0
80
160
240
E
off
t
d(off)
t
f
I
C
A
E
off
t
ns
mJ
V
CE = 600 V
V
GE = ±15 V
R
G
= 15
Ω
T
J
= 125°C
ns
mJ
V
CE = 600 V
V
GE = ±15 V
I
C
= 35 A
T
J
= 125°C
E
recint
V
CE = 600 V
V
GE = ±15 V
I
C
= 35 A
T
J
= 125°C
ns
mJ
V
CE = 600 V
V
GE = ±15 V
I
C
= 35 A
T
J
= 125°C
mJ
Ω
Ω
Fig. 7 Typ. turn on energy and switching times
vs. gate resistor, inductive switching
with ext. free wheeling diode (Fig. 17)
Fig. 8 Typ. turn off energy and switching times
vs. gate resistor, inductive switching
with ext. free wheeling diode (Fig. 17)
Fig. 9 Typ. turn on energy and switching times
vs. collector current, inductive switching
with internal diode (Fig. 18)
Fig. 10 Typ. turn off energy and switching times
vs. collector current, inductive switching
with internal diode (Fig. 18)
Fig. 11 Typ. turn on energy and switching times
vs. gate resistor, inductive switching
with internal diode (Fig. 18)
Fig. 12 Typ. turn off energy and switching times
vs. gate resistor, inductive switching
with internal diode (Fig. 18)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com