Electronic Components Datasheet Search
  English  ▼

X  

P0109DA-5AL3 Datasheet(PDF) 6 Page - STMicroelectronics

Part # P0109DA-5AL3
Description  Sensitive standard SCRs up to 0.8 A
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P0109DA-5AL3 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button P0109DA-5AL3 Datasheet HTML 2Page - STMicroelectronics P0109DA-5AL3 Datasheet HTML 3Page - STMicroelectronics P0109DA-5AL3 Datasheet HTML 4Page - STMicroelectronics P0109DA-5AL3 Datasheet HTML 5Page - STMicroelectronics P0109DA-5AL3 Datasheet HTML 6Page - STMicroelectronics P0109DA-5AL3 Datasheet HTML 7Page - STMicroelectronics P0109DA-5AL3 Datasheet HTML 8Page - STMicroelectronics P0109DA-5AL3 Datasheet HTML 9Page - STMicroelectronics P0109DA-5AL3 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Characteristics
P010xx
6/11
Figure 11.
Surge peak on-state current versus
number of cycles
Figure 12.
Non-repetitive surge peak
on-state current and corresponding
value of I²t
I
(A)
TSM
1
10
100
1000
0
1
2
3
4
5
6
7
8
Number of cycles
Non repetitive
T initial=25°C
j
Repetitive
T
=25°C
amb
t =10ms
p
One cycle
I
(A), I t (A s)
TSM
22
100.0
10.0
1.0
0.1
0.01
0.10
1.00
10.00
T initial = 25°C
j
I t
2
ITSM
t (ms)
p
For a sinusoidal pulse
with width tp < 10 ms
Figure 13.
On-state characteristics P010xxA,
P010xxN
Figure 14.
On-state characteristics P010xxL
I
(A)
TM
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
1E+1
1E+0
1E-1
1E-2
V =0.95V
R =600m
T max.:
j
t0
d
Ω
V
(V)
TM
Tj=max
T =25°C
j
Maximum values
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
1E-2
1E-1
1E+0
1E+1
I
(A)
TM
V
(V)
TM
Tj=max
T =25°C
j
V =1.0V
R=1
T max.:
j
t0
d
Ω
Maximum values
Figure 15.
Thermal resistance junction to
ambient vs. copper surface under
tab P010xxN
Figure 16.
Thermal resistance junction to
ambient vs copper surface under
tab P010xxL
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
130
120
110
100
90
80
70
60
50
40
30
20
10
0
S(cm²)
R
(°C/W)
th(j-a)
Epoxy printed circuit board
FR4, copper thickness = 35 µm
0
10203040
506070
8090
100
0
100
200
300
400
500
S(cm²)
R
(°C/W)
th(j-a)
Epoxy printed circuit board
FR4, copper thickness = 35 µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com