Electronic Components Datasheet Search
  English  ▼

X  

P0109DA-5AL3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # P0109DA-5AL3
Description  Sensitive standard SCRs up to 0.8 A
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P0109DA-5AL3 Datasheet(HTML) 1 Page - STMicroelectronics

  P0109DA-5AL3 Datasheet HTML 1Page - STMicroelectronics P0109DA-5AL3 Datasheet HTML 2Page - STMicroelectronics P0109DA-5AL3 Datasheet HTML 3Page - STMicroelectronics P0109DA-5AL3 Datasheet HTML 4Page - STMicroelectronics P0109DA-5AL3 Datasheet HTML 5Page - STMicroelectronics P0109DA-5AL3 Datasheet HTML 6Page - STMicroelectronics P0109DA-5AL3 Datasheet HTML 7Page - STMicroelectronics P0109DA-5AL3 Datasheet HTML 8Page - STMicroelectronics P0109DA-5AL3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
November 2008
Rev 1
1/11
11
P010xx
Sensitive standard SCRs up to 0.8 A
Features
■ IT(RMS) up to 0.8 A
■ VDRM/VRRM100, 200, 400 and 600 V
■ IGTfrom 5 to 200 µA
Description
Thanks to highly sensitive triggering levels, the
P010xx SCR series is suitable for all applications
where available gate current is limited, such as
ground fault circuit interruptors, pilot circuits in
solid state relays, stand-by mode power supplies,
smoke and alarm detectors.
Available in through-hole or surface mount
packages, the voltage capability of this series has
been upgraded since its introduction and is now
available up to 600 V.
A
K
G
TO-92
(P010xxA)
SOT-223
(P0102xN)
A
K
G
A
A
K
G
A
K
G
SOT23-3L
(P010xxL)
Table 1.
Device summary
Order code
Voltage
Sensitivity
Package
Packing
Mode
100 V
200 V
400 V
600 V
P0102AA 1AA3
X
200 µA
TO-92
Bulk
P0102AA 5AL3
X
200 µA
TO-92
Tape and reel 13 inch
P0102AL 5AA4
X
200 µA
SOT23-3L
Tape and reel 7 inch
P0102BA 1AA3
X
200 µA
TO-92
Bulk
P0102BL 5AA4
X
200 µA
SOT23-3L
Tape and reel 7 inch
P0102DA 1AA3
X
200 µA
TO-92
Bulk
P0102DA 2AL3
X
200 µA
TO-92
Ammopack
P0102DA 5AL3
X
200 µA
TO-92
Tape and reel 13 inch
P0102DN 5AA4
X
X
200 µA
SOT-223
Tape and reel 7 inch
P0102MA 1AA3
X
200 µA
TO-92
Bulk
P0102MN 5AA4
X
200 µA
SOT-223
Tape and reel 7 inch
P0109AL 5AA4
X
1 µA
SOT23-3L
Tape and reel 7 inch
P0109DA 1AA3
X
1 µA
TO-92
Bulk
P0109DA 5AL3
X
1 µA
TO-92
Tape and reel 13 inch
www.st.com


Similar Part No. - P0109DA-5AL3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P0109DA STMICROELECTRONICS-P0109DA Datasheet
170Kb / 9P
0.8 A 400 V high immunity sensitive SCR thyristor in TO-92
16-Jun-2020
P0109DA1AA3 STMICROELECTRONICS-P0109DA1AA3 Datasheet
125Kb / 11P
Sensitive standard SCRs up to 0.8 A
24-Nov-2008
P0109DA5AL3 STMICROELECTRONICS-P0109DA5AL3 Datasheet
125Kb / 11P
Sensitive standard SCRs up to 0.8 A
24-Nov-2008
P0109DA5AL3 STMICROELECTRONICS-P0109DA5AL3 Datasheet
170Kb / 9P
0.8 A 400 V high immunity sensitive SCR thyristor in TO-92
16-Jun-2020
More results

Similar Description - P0109DA-5AL3

ManufacturerPart #DatasheetDescription
logo
Littelfuse
EC103B LITTELFUSE-EC103B Datasheet
199Kb / 12P
Sensitive SCRs (0.8 A to 10 A)
logo
STMicroelectronics
X006 STMICROELECTRONICS-X006 Datasheet
108Kb / 9P
0.8 A sensitive gate SCRs
01-Apr-2008
TN12 STMICROELECTRONICS-TN12_07 Datasheet
153Kb / 12P
Sensitive and Standard 12 A SCRS
08-Mar-2007
TN805 STMICROELECTRONICS-TN805_10 Datasheet
153Kb / 12P
Sensitive and standard 8 A SCRs
22-Jan-2010
TYN412RG STMICROELECTRONICS-TYN412RG Datasheet
156Kb / 13P
Sensitive and standard 12 A SCRs
12-Oct-2009
P0102DA-1AA3 STMICROELECTRONICS-P0102DA-1AA3 Datasheet
125Kb / 11P
Sensitive standard SCRs up to 0.8 A
24-Nov-2008
TS820-600T STMICROELECTRONICS-TS820-600T Datasheet
160Kb / 13P
Sensitive and standard 8 A SCRs
10-Oct-2011
TS1220-600T STMICROELECTRONICS-TS1220-600T Datasheet
156Kb / 13P
Sensitive and standard 12 A SCRs
12-Oct-2009
logo
Littelfuse
S8X5ECSX LITTELFUSE-S8X5ECSX Datasheet
961Kb / 6P
EV Series 0.8 Amp Sensitive SCRs
Revised: BO.12/08/20
logo
STMicroelectronics
P011XX STMICROELECTRONICS-P011XX Datasheet
96Kb / 9P
Sensitive high immunity SCRs up to 0.8 A
26-Jan-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com