Electronic Components Datasheet Search
  English  ▼

X  

P0109DA-5AL3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # P0109DA-5AL3
Description  Sensitive standard SCRs up to 0.8 A
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P0109DA-5AL3 Datasheet(HTML) 3 Page - STMicroelectronics

  P0109DA-5AL3 Datasheet HTML 1Page - STMicroelectronics P0109DA-5AL3 Datasheet HTML 2Page - STMicroelectronics P0109DA-5AL3 Datasheet HTML 3Page - STMicroelectronics P0109DA-5AL3 Datasheet HTML 4Page - STMicroelectronics P0109DA-5AL3 Datasheet HTML 5Page - STMicroelectronics P0109DA-5AL3 Datasheet HTML 6Page - STMicroelectronics P0109DA-5AL3 Datasheet HTML 7Page - STMicroelectronics P0109DA-5AL3 Datasheet HTML 8Page - STMicroelectronics P0109DA-5AL3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
P010xx
Characteristics
3/11
Table 4.
Electrical characteristics(1) P010xxA and P010xxN
Symbol
Test conditions
Value
Unit
IGT
VD = 12 V
RL = 140 Ω
Min.
-
µA
Max.
200
VGT
Max.
0.8
V
VGD
VD = VDRM RL = 3.3 kΩ RGK = 1 kΩ
Tj = 125 °C
Min.
0.1
V
VRG
IRG = 10 µA
Min.
8
V
IH
IT = 50 mA
RGK = 1 kΩ
Max.
5
mA
IL
IG = 1 mA
RGK = 1 kΩ
Max.
6
mA
dV/dt
VD = 67 % VDRM RGK = 1 kΩ
Tj = 125 °C
Min.
75
V/µs
VTM
ITM = 1.6 A tp = 380 µs
Tj = 25 °C
Max.
1.95
V
Vt0
Threshold voltage
Tj = 125 °C
Max.
0.95
V
Rd
Dynamic resistance
Tj = 125 °C
Max.
600
m
Ω
IDRM
IRRM
VDRM = VRRM = 400 V RGK = 1 kΩ
Tj = 25 °C
Max.
1
µA
VDRM = VRRM = 600 V RGK = 1 kΩ
10
VDRM = VRRM
RGK = 1 kΩ
Tj = 125 °C
100
1.
Tj = 25 °C, unless otherwise specified
Table 5.
Electrical characteristics(1) P010xxL
Symbol
Test conditions
P0102xL
P0109AL
Unit
IGT
VD = 12 V
RL = 140 Ω
Max.
200
1
µA
VGT
Max.
0.8
V
VGD
VD = VDRM RL = 3.3 kΩ RGK = 1 kΩ
Tj = 125 °C
Min.
0.1
V
VRG
IRG = 10 µA
Min.
8
V
IH
IT = 50 mA
RGK = 1 kΩ
Max.
6
mA
IL
IG = 1 mA
RGK = 1 kΩ
Max.
7
mA
dV/dt
VD = 67 % VDRM RGK = 1 kΩ
Tj = 125 °C
Min.
200
100
V/µs
VTM
ITM = 0.4 A tp = 380 µs
Tj = 25 °C
Max.
1.7
V
Vt0
Threshold voltage
Tj = 125 °C
Max.
1.0
V
Rd
Dynamic resistance
Tj = 125 °C
Max.
1000
m
Ω
IDRM
IRRM
VDRM = VRRM
Tj = 25 °C
Max.
1
µA
Tj = 125 °C
100
1.
Tj = 25 °C, unless otherwise specified



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com