Electronic Components Datasheet Search
  English  ▼

X  

EMA2 Datasheet(PDF) 4 Page - Rohm

Part # EMA2
Description  Built-In Biasing Resistors, R1 = R2 = 47kW.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMA2 Datasheet(HTML) 4 Page - Rohm

  EMA2 Datasheet HTML 1Page - Rohm EMA2 Datasheet HTML 2Page - Rohm EMA2 Datasheet HTML 3Page - Rohm EMA2 Datasheet HTML 4Page - Rohm EMA2 Datasheet HTML 5Page - Rohm EMA2 Datasheet HTML 6Page - Rohm EMA2 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
EMA2 / UMA2N / FMA2A
lElectrical characteristic curves
(Ta = 25°C)
Fig.5 Output voltage vs. output current
OUTPUT CURRENT : IO [A]
4/6
2012.06 - Rev.B



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com