Electronic Components Datasheet Search
  English  ▼

X  

EMA2 Datasheet(PDF) 1 Page - Rohm

Part # EMA2
Description  Built-In Biasing Resistors, R1 = R2 = 47kW.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMA2 Datasheet(HTML) 1 Page - Rohm

  EMA2 Datasheet HTML 1Page - Rohm EMA2 Datasheet HTML 2Page - Rohm EMA2 Datasheet HTML 3Page - Rohm EMA2 Datasheet HTML 4Page - Rohm EMA2 Datasheet HTML 5Page - Rohm EMA2 Datasheet HTML 6Page - Rohm EMA2 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Datasheet
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
EMA2 / UMA2N / FMA2A
PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
lOutline
lFeatures
1) Built-In Biasing Resistors, R1 = R2 = 47kW.
2) Two DTA144E chips in one package.
3) Emitter(GND)-common type.
4) Built-in bias resistors enable the configuration of
an inverter circuit without connecting external
input resistors (see inner circuit).
5) The bias resistors consist of thin-film resistors
lInner circuit
with complete isolation to allow negative biasing
of the input. They also have the advantage of
completely eliminating parasitic effects.
6) Only the on/off conditions need to be set for
operation, making the circuit design easy.
7) Lead Free/RoHS Compliant.
lApplication
Interface circuit, Driver circuit
lPackaging specifications
EMT5
UMT5
SMT5
3,000
A2
UMA2N
UMT5
2021
TR
180
8
SMT5
2928
T148
180
8
8,000
A2
8
Tape width
(mm)
Basic
ordering
unit (pcs)
Marking
Reel size
(mm)
EMA2
EMT5
1616
T2R
180
3,000
A2
FMA2A
Part No.
Package
Package
size
(mm)
Taping
code
Parameter
Tr1 and Tr2
VCC
-
50V
IC(MAX.)
-
100mA
R1
47kW
R2
47kW
EMA2
(SC-107BB)
FMA2A
(SC-74A)
UMA2N
SOT-353 (SC-88A)
(1)
(5)
(4)
(2)
(3)
EMA2 / UMA2N
FMA2A
(4)
OUT
IN
(3)
GND
(2)
(5)
OUT
IN
(1)
(2)
OUT
IN
(3)
GND
(4)
(1)
OUT
IN
(5)
(2)
(1)
(3)
(4)
(5)
(5)
(1)
(2)
(4)
(3)
1/6
2012.06 - Rev.B


Similar Part No. - EMA2

ManufacturerPart #DatasheetDescription
logo
Rohm
EMA2 ROHM-EMA2 Datasheet
73Kb / 3P
Emitter common (dual digital transistors)
EMA2 ROHM-EMA2 Datasheet
444Kb / 7P
PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMA2 ROHM-EMA2 Datasheet
1Mb / 9P
Emitter common Dual digital transistors
logo
Excelics Semiconductor,...
EMA205B EXCELICS-EMA205B Datasheet
198Kb / 4P
9-16 GHz Medium Power MMIC
logo
Excelliance MOS Corp.
EMA20N03A EXCELLIANCE-EMA20N03A Datasheet
224Kb / 6P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
More results

Similar Description - EMA2

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA113ZE ROHM-DTA113ZE Datasheet
68Kb / 3P
Digital transistors (built-in resistors)
DTA123EE ROHM-DTA123EE Datasheet
68Kb / 3P
Digital transistors (built-in resistors)
DTA123YE ROHM-DTA123YE Datasheet
68Kb / 3P
Digital transistors (built-in resistors)
DTA144VUA ROHM-DTA144VUA Datasheet
57Kb / 1P
Digital transistor (built-in resistors)
DTB123YK ROHM-DTB123YK Datasheet
65Kb / 3P
Digital transistors (built-in resistors)
DTA124EETL ROHM-DTA124EETL Datasheet
279Kb / 11P
Built-In Biasing Resistors, R1 = R2 = 22k??
DTC143EKAT146 ROHM-DTC143EKAT146 Datasheet
532Kb / 12P
Built-In Biasing Resistors, R1 = R2 = 4.7kW.
logo
Renesas Technology Corp
BB506C RENESAS-BB506C_11 Datasheet
105Kb / 9P
Built in Biasing Circuit MOS FET IC
logo
SeCoS Halbleitertechnol...
SMUN52XXDW SECOS-SMUN52XXDW Datasheet
483Kb / 8P
Built-in Resistors Transistor
SMUN52XXDW SECOS-SMUN52XXDW_15 Datasheet
483Kb / 8P
Built-in Resistors Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com