Electronic Components Datasheet Search
  English  ▼

X  

EMA2 Datasheet(PDF) 5 Page - Rohm

Part # EMA2
Description  Built-In Biasing Resistors, R1 = R2 = 47kW.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMA2 Datasheet(HTML) 5 Page - Rohm

  EMA2 Datasheet HTML 1Page - Rohm EMA2 Datasheet HTML 2Page - Rohm EMA2 Datasheet HTML 3Page - Rohm EMA2 Datasheet HTML 4Page - Rohm EMA2 Datasheet HTML 5Page - Rohm EMA2 Datasheet HTML 6Page - Rohm EMA2 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
EMA2 / UMA2N / FMA2A
lDimensions
(Unit : mm)
Dimension in mm/inches
EMT5
Patterm of terminal position areas
b
D
e
x
S A
A
c
y S
S
b2
e
MIN
MAX
MIN
MAX
A1
0.00
0.10
0
0.004
A
0.45
0.55
0.018
0.022
b
0.17
0.27
0.007
0.011
c
0.08
0.18
0.003
0.007
D
1.50
1.70
0.059
0.067
E
1.10
1.30
0.043
0.051
e
HE
1.50
1.70
0.059
0.067
L
0.10
0.30
0.004
0.012
Lp
-
0.35
-
0.014
x
-
0.10
-
0.004
y
-
0.10
-
0.004
MIN
MAX
MIN
MAX
e1
b2
-
0.37
-
0.015
l1
-
0.45
-
0.018
INCHES
0.50
0.02
DIM
MILIMETERS
MILIMETERS
INCHES
1.25
0.049
DIM
5/6
2012.06 - Rev.B



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com