Electronic Components Datasheet Search
  English  ▼

X  

AD637JRZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD637JRZ
Description  High Precision, Wideband RMS-to-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD637JRZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD637JRZ Datasheet HTML 7Page - Analog Devices AD637JRZ Datasheet HTML 8Page - Analog Devices AD637JRZ Datasheet HTML 9Page - Analog Devices AD637JRZ Datasheet HTML 10Page - Analog Devices AD637JRZ Datasheet HTML 11Page - Analog Devices AD637JRZ Datasheet HTML 12Page - Analog Devices AD637JRZ Datasheet HTML 13Page - Analog Devices AD637JRZ Datasheet HTML 14Page - Analog Devices AD637JRZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD637
Rev. K | Page 11 of 20
Table 5. Practical Values of CAV and C2 for Various Input Waveforms
Recommended Standard Values for CAV and C2
for 1% Averaging Error @ 60 Hz with T = 16.6 ms
Input Waveform
and Period
Absolute Value
Circuit Waveform
and Period
Minimum R × CAV
Time Constant
CAV (μF)
C2 (μF)
1% Settling
Time
Symmetrical Sine Wave
A
0V
T
1/2T
1/2T
0.47
1.5
181 ms
Sine Wave with dc Offset
B
0V
T
T
T
0.82
2.7
325 ms
Pulse Train Waveform
C
T2
0V
T
T2
T
10 (T − T2)
6.8
22
2.67 sec
D
T2
0V
T
T2
T
10 (T − 2T2)
5.6
18
2.17 sec
FREQUENCY RESPONSE
The frequency response of the AD637 at various signal levels is
shown in Figure 15. The dashed lines show the upper frequency
limits for 1%, 10%, and ±3 dB of additional error. For example,
note that for 1% additional error with a 2 V rms input, the
highest frequency allowable is 200 kHz. A 200 mV signal can
be measured with 1% error at signal frequencies up to 100 kHz.
To take full advantage of the wide bandwidth of the AD637,
care must be taken in the selection of the input buffer amplifier.
To ensure that the input signal is accurately presented to the
converter, the input buffer must have a −3 dB bandwidth that is
wider than that of the AD637. Note the importance of slew rate
in this application. For example, the minimum slew rate required
for a 1 V rms, 5 MHz, sine wave input signal is 44 V/μs. The user is
cautioned that this is the minimum rising or falling slew rate
and that care must be exercised in the selection of the buffer
amplifier, because some amplifiers exhibit a two-to-one
difference between rising and falling slew rates. The AD845 is
recommended as a precision input buffer.
10
1k
10M
10k
100k
1M
1
0.1
0.01
1%
±3dB
10%
7V RMS INPUT
2V RMS INPUT
1V RMS INPUT
100mV RMS INPUT
10mV RMS INPUT
INPUT FREQUENCY (Hz)
Figure 15. Frequency Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com