Electronic Components Datasheet Search
  English  ▼

X  

AD637JRZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD637JRZ
Description  High Precision, Wideband RMS-to-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD637JRZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD637JRZ Datasheet HTML 12Page - Analog Devices AD637JRZ Datasheet HTML 13Page - Analog Devices AD637JRZ Datasheet HTML 14Page - Analog Devices AD637JRZ Datasheet HTML 15Page - Analog Devices AD637JRZ Datasheet HTML 16Page - Analog Devices AD637JRZ Datasheet HTML 17Page - Analog Devices AD637JRZ Datasheet HTML 18Page - Analog Devices AD637JRZ Datasheet HTML 19Page - Analog Devices AD637JRZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
AD637
Rev. K | Page 20 of 20
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MS-013-AA
10.50 (0.4134)
10.10 (0.3976)
0.30 (0.0118)
0.10 (0.0039)
2.65 (0.1043)
2.35 (0.0925)
10.65 (0.4193)
10.00 (0.3937)
7.60 (0.2992)
7.40 (0.2913)
0.75 (0.0295)
0.25 (0.0098)
45°
1.27 (0.0500)
0.40 (0.0157)
COPLANARITY
0.10
0.33 (0.0130)
0.20 (0.0079)
0.51 (0.0201)
0.31 (0.0122)
SEATING
PLANE
8°
0°
16
9
8
1
1.27 (0.0500)
BSC
Figure 34. 16-Lead Standard Small Outline Package [SOIC_W]
Wide Body (RW-16)
Dimensions shown in millimeters and (inches)
ORDERING GUIDE
Model1
Notes
Temperature Range
Package Description
Package Option
5962-8963701CA
2
−55°C to +125°C
14-Lead CERDIP
Q-14
AD637AQ
−40°C to +85°C
14-Lead CERDIP
Q-14
AD637AR
−40°C to +85°C
16-Lead SOIC_W
RW-16
AD637ARZ
−40°C to +85°C
16-Lead SOIC_W
RW-16
AD637BQ
−40°C to +85°C
14-Lead CERDIP
Q-14
AD637BR
−40°C to +85°C
16-Lead SOIC_W
RW-16
AD637BRZ
−40°C to +85°C
16-Lead SOIC_W
RW-16
AD637JD
0°C to 70°C
14-Lead SBDIP
D-14
AD637JDZ
0°C to 70°C
14-Lead SBDIP
D-14
AD637JQ
0°C to 70°C
14-Lead CERDIP
Q-14
AD637JR
0°C to 70°C
16-Lead SOIC_W
RW-16
AD637JR-REEL
0°C to 70°C
16-Lead SOIC_W
RW-16
AD637JR-REEL7
0°C to 70°C
16-Lead SOIC_W
RW-16
AD637JRZ
0°C to 70°C
16-Lead SOIC_W
RW-16
AD637JRZ-RL
0°C to 70°C
16-Lead SOIC_W
RW-16
AD637JRZ-R7
0°C to 70°C
16-Lead SOIC_W
RW-16
AD637KD
0°C to 70°C
14-Lead SBDIP
D-14
AD637KDZ
0°C to 70°C
14-Lead SBDIP
D-14
AD637KQ
0°C to 70°C
14-Lead CERDIP
Q-14
AD637KRZ
0°C to 70°C
16-Lead SOIC_W
RW-16
AD637SD
−55°C to +125°C
14-Lead SBDIP
D-14
AD637SD/883B
−55°C to +125°C
14-Lead SBDIP
D-14
AD637SQ/883B
−55°C to +125°C
14-Lead CERDIP
Q-14
AD637-EVALZ
Evaluation Board
1 Z = RoHS Compliant Part.
2 A standard microcircuit drawing is available.
©2007–2011 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D00788-0-2/11(K)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com