Electronic Components Datasheet Search
  English  ▼

X  

AD637JRZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD637JRZ
Description  High Precision, Wideband RMS-to-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD637JRZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD637JRZ Datasheet HTML 8Page - Analog Devices AD637JRZ Datasheet HTML 9Page - Analog Devices AD637JRZ Datasheet HTML 10Page - Analog Devices AD637JRZ Datasheet HTML 11Page - Analog Devices AD637JRZ Datasheet HTML 12Page - Analog Devices AD637JRZ Datasheet HTML 13Page - Analog Devices AD637JRZ Datasheet HTML 14Page - Analog Devices AD637JRZ Datasheet HTML 15Page - Analog Devices AD637JRZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD637
Rev. K | Page 12 of 20
AC MEASUREMENT ACCURACY AND CREST
FACTOR
Crest factor is often overlooked in determining the accuracy of
an ac measurement. Crest factor is defined as the ratio of the peak
signal amplitude to the rms value of the signal (CF = VP/V rms).
Most common waveforms, such as sine and triangle waves, have
relatively low crest factors (≤2). Waveforms that resemble low
duty cycle pulse trains, such as those occurring in switching
power supplies and SCR circuits, have high crest factors. For
example, a rectangular pulse train with a 1% duty cycle has
a crest factor of 10 (CF = 1 η ).
0
Vp
T
T
CF = 1/ η
eIN(RMS) = 1 V RMS
100µs
η = DUTY CYCLE =
100µs
e0
Figure 16. Duty Cycle Timing
PULSE WIDTH (µs)
10
1
0.01
1
1000
10
100
0.1
CF = 10
CF = 3
CAV = 22µF
Figure 17. AD637 Error vs. Pulse Width Rectangular Pulse
Figure 18 is a curve of additional reading error for the AD637
for a 1 V rms input signal with crest factors from 1 to 11.
A rectangular pulse train (pulse width 100 μs) is used for this
test because it is the worst-case waveform for rms measurement
(all the energy is contained in the peaks). The duty cycle and
peak amplitude were varied to produce crest factors from l to 10
while maintaining a constant 1 V rms input amplitude.
CREST FACTOR
1.5
0
–1.5
1
11
2
37
89
10
1.0
0.5
–0.5
–1.0
456
POSITIVE INPUT PULSE
CAV = 22µF
Figure 18. Additional Error vs. Crest Factor
2.0
1.8
0
2.0
0.5
1.0
1.5
1.2
0.6
0.4
0.2
1.6
1.4
0.8
1.0
CF = 10
CF = 7
CF = 3
0
VIN (V RMS)
Figure 19. Error vs. RMS Input Level for Three Common Crest Factors
CONNECTION FOR dB OUTPUT
Another feature of the AD637 is the logarithmic, or decibel,
output. The internal circuit that computes dB works well over
a 60 dB range. Figure 20 shows the dB measurement connection.
The user selects the 0 dB level by setting R1 for the proper 0 dB
reference current, which is set to cancel the log output current
from the squarer/divider circuit at the desired 0 dB point. The
external op amp is used to provide a more convenient scale and to
allow compensation of the +0.33%/°C temperature drift of the
dB circuit. The temperature resistor R3, as shown in Figure 20,
is available from Precision Resistor Co., Inc., in Largo, Fla.
(Model PT146). Consult its website for additional information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com