Electronic Components Datasheet Search
  English  ▼

X  

AD7685ARMZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD7685ARMZ
Description  16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7685ARMZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7685ARMZ Datasheet HTML 7Page - Analog Devices AD7685ARMZ Datasheet HTML 8Page - Analog Devices AD7685ARMZ Datasheet HTML 9Page - Analog Devices AD7685ARMZ Datasheet HTML 10Page - Analog Devices AD7685ARMZ Datasheet HTML 11Page - Analog Devices AD7685ARMZ Datasheet HTML 12Page - Analog Devices AD7685ARMZ Datasheet HTML 13Page - Analog Devices AD7685ARMZ Datasheet HTML 14Page - Analog Devices AD7685ARMZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD7685
Rev. C | Page 11 of 28
REFERENCE VOLTAGE (V)
5.5
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
13
17
16
15
14
100
95
90
85
80
SNR
SINAD
ENOB
Figure 13. SNR, SINAD, and ENOB vs. Reference Voltage
FREQUENCY (kHz)
200
0
50
100
150
100
95
90
85
80
75
70
VREF = 5V, –1dB
VREF = 2.5V, –1dB
VREF = 5V, –10dB
Figure 14. SINAD vs. Frequency
TEMPERATURE (°C)
125
–55
–35
–15
5
25
45
65
85
105
100
95
90
85
80
75
70
VREF = 5V
VREF = 2.5V
Figure 15. SNR vs. Temperature
REFERENCE VOLTAGE (V)
5.5
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
–90
–95
–100
–105
–110
–115
–120
–125
–130
SFDR
THD
Figure 16. THD, SFDR vs. Reference Voltage
FREQUENCY (kHz)
200
0
50
100
150
–60
–70
–80
–90
–100
–110
–120
VREF = 2.5V, –1dB
VREF = 5V, –1dB
VREF = 5V, –10dB
Figure 17. THD vs. Frequency
TEMPERATURE (°C)
125
–55
–35
–15
5
25
45
65
85
105
–90
–100
–110
–120
–130
VREF = 2.5V
VREF = 5V
Figure 18. THD vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com