Electronic Components Datasheet Search
  English  ▼

X  

AD7685ARMZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD7685ARMZ
Description  16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7685ARMZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7685ARMZ Datasheet HTML 8Page - Analog Devices AD7685ARMZ Datasheet HTML 9Page - Analog Devices AD7685ARMZ Datasheet HTML 10Page - Analog Devices AD7685ARMZ Datasheet HTML 11Page - Analog Devices AD7685ARMZ Datasheet HTML 12Page - Analog Devices AD7685ARMZ Datasheet HTML 13Page - Analog Devices AD7685ARMZ Datasheet HTML 14Page - Analog Devices AD7685ARMZ Datasheet HTML 15Page - Analog Devices AD7685ARMZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD7685
Rev. C | Page 12 of 28
INPUT LEVEL (dB)
0
–10
–8
–6
–4
–2
–120
–105
–110
–115
95
94
93
92
91
90
SNR
THD
TEMPERATURE (°C)
125
–55
–35
–15
5
25
45
65
85
105
1000
750
500
250
0
VDD = 5V
VIO
fS = 100kSPS
VDD = 2.5V
Figure 19. SNR and THD vs. Input Level
Figure 22. Operating Currents vs. Temperature
TEMPERATURE (°C)
125
–55
–35
–15
5
25
45
65
85
105
6
4
5
2
3
0
1
–2
–1
–4
–3
–6
–5
GAIN ERROR
OFFSET ERROR
SUPPLY (V)
5.5
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
1000
750
500
250
0
VDD
VIO
fS = 100kSPS
Figure 23. Offset and Gain Error vs. Temperature
Figure 20. Operating Currents vs. Supply
SDO CAPACITIVE LOAD (pF)
120
020
40
60
80
100
25
20
15
10
5
0
VDD = 2.5V, 85°C
VDD = 3.3V, 25°C
VDD = 3.3V, 85°C
VDD = 5V, 85°C
VDD = 5V, 25°C
VDD = 2.5V, 25°C
TEMPERATURE (°C)
125
–55
–35
–15
5
25
45
65
85
105
1000
750
500
250
0
VDD + VIO
Figure 24. tDSDO Delay vs. Capacitance Load and Supply
Figure 21. Power-Down Currents vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com