Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 213 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  MC68HC908JB16 Technical Data
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 213 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 209Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 210Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 211Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 212Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 213Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 214Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 215Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 216Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 217Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 332 page
background image
Serial Communications Interface Module (SCI)
MC68HC908JB16 — Rev. 1.1
Technical Data
Freescale Semiconductor
Serial Communications Interface Module (SCI)
213
12.5.1 Data Format
The SCI uses the standard non-return-to-zero mark/space data format
illustrated in Figure 12-3.
Figure 12-3. SCI Data Formats
12.5.2 Transmitter
Figure 12-4 shows the structure of the SCI transmitter.
The baud rate clock source for the SCI is the OSCDCLK.
BIT 5
START
BIT
BIT 0
BIT 1
NEXT
STOP
BIT
START
BIT
8-BIT DATA FORMAT
BIT M IN SCC1 CLEAR
START
BIT
BIT 0
NEXT
STOP
BIT
START
BIT
9-BIT DATA FORMAT
BIT M IN SCC1 SET
BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
BIT 8
BIT 2
BIT 3
BIT 4
BIT 6
BIT 7
PARITY
BIT
PARITY
BIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com